Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 57 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 57 Page - Delta Electronics, Inc.

Back Button FASTENERBASE Datasheet HTML 53Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 54Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 55Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 56Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 57Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 58Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 59Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 60Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 61Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
Test Report.
No. SHAEC1515770519
Date: 13 Aug 2015.
Page 2 of 5.
Test Results :.
Test Part Description : .
Specimen No..
SGS Sample ID.
Description.
SN1.
SHA15-157705.015
Black mud.
Remarks :.
(1) 1 mg/kg = 0.0001% .
(2) MDL = Method Detection Limit .
(3) ND = Not Detected ( < MDL ) .
(4) "-" = Not Regulated .
RoHS Directive 2011/65/EU.
Test Method :. (1) With reference to IEC 62321-5:2013, determination of Cadmium by ICP-OES.
(2) With reference to IEC 62321-5:2013, determination of Lead by ICP-OES.
(3) With reference to IEC 62321-4:2013, determination of Mercury by ICP-OES.
(4) With reference to IEC 62321:2008, determination of Hexavalent Chromium by Colorimetric
Method using UV-Vis.
(5) With reference to IEC 62321:2008, determination of PBBs and PBDEs by GC-MS. .
015.
Cadmium (Cd).
100
mg/kg.
2
ND
Lead (Pb).
1000
mg/kg.
2
ND
Mercury (Hg).
1000
mg/kg.
2
ND
Hexavalent Chromium (Cr(VI)) .
1000
mg/kg.
2
ND
Sum of PBBs.
1000
mg/kg.
-
ND
Monobromobiphenyl .
-
mg/kg.
5
ND
Dibromobiphenyl.
-
mg/kg.
5
ND
Tribromobiphenyl.
-
mg/kg.
5
ND
Tetrabromobiphenyl .
-
mg/kg.
5
ND
Pentabromobiphenyl .
-
mg/kg.
5
ND
Hexabromobiphenyl .
-
mg/kg.
5
ND
Heptabromobiphenyl .
-
mg/kg.
5
ND
Octabromobiphenyl .
-
mg/kg.
5
ND
Nonabromobiphenyl .
-
mg/kg.
5
ND
Decabromobiphenyl .
-
mg/kg.
5
ND
Sum of PBDEs.
1000
mg/kg.
-
ND
Monobromodiphenyl ether .
-
mg/kg.
5
ND
Test Item(s).
Limit.
Unit.
MDL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com