Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  FASTENERBASE Datasheet HTML 1Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 2Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 3Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 4Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 5Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 6Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 7Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 8Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
Delta Electronics
Corp.
Form No.
︰
︰
︰
︰tMP—D029
Form
Rev.
︰
︰
︰
︰00
REV.
Description
Drawn
Checked
Approved
Issue Date
00
ISSUE SPEC
REEK.LI2011/11/25
2011/11/25
2011/11/25
2011/11/25
01
ADD ROHS
Skyler
2013/03/08
02
1.
Change the grease from
TC-1996 to TC-5630
2.
Update RoHS
Skyler
2015/12/14
Description:
SAMPLE REVISION CODE LIST
Part No.
REV
DELTA MODEL :
FHS-A9015S00
TOTAL
78
PAGE
02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com