Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 73 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 73 Page - Delta Electronics, Inc.

Back Button FASTENERBASE Datasheet HTML 69Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 70Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 71Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 72Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 73Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 74Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 75Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 76Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 77Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
頁數(Page): 6 of 11
號碼(No.) : CE/2015/53008
日期(Date) : 2015/05/20
SIL-MORE INDUSTRIAL LTD.
測試報告
Test Report
新北市三重區興德路100號16樓
16F, NO. 100, XINGDE RD., SANCHONG DISTRICT, NEW TAIPEI CITY 24158, TAIWAN
喬越實業有限公司
*CE/2015/53008*
#flow
1)
根據以下的流程圖之條件,樣品已完全溶解。(六價鉻測試方法除外)
/ These samples were
dissolved totally by pre-conditioning method according to below flow chart. (Cr
6+ test method excluded)
2)
測試人員:楊登偉
/ Name of the person who made measurement: Climbgreat Yang
3)
測試負責人:張啟興
/ Name of the person in charge of measurement: Troy Chang
樣品材質
/ Sample Material
消化酸液種類
/ Digestion Acid
鋼
, 銅, 鋁, 焊錫 /
Steel, copper, aluminum, solder
王水
, 硝酸, 鹽酸, 氫氟酸, 雙氧水 /
Aqua regia, HNO3, HCl, HF, H2O2
玻璃
/ Glass
硝酸
,氫氟酸 / HNO3/HF
金
, 鉑, 鈀, 陶瓷 /
Gold, platinum, palladium, ceramic
王水
/ Aqua regia
銀
/ Silver
硝酸
/ HNO3
塑膠
/ Plastic
硫酸
, 雙氧水, 硝酸, 鹽酸 / H2SO4, H2O2, HNO3, HCl
其他
/ Others
加入適當的試劑至完全溶解
/ Added appropriate
reagent to total digestion
溶液
/ Solution
六價鉻
Cr6+
(Note**)
鉛
Pb、鎘 Cd
感應耦合電漿原子發射光譜儀
/ ICP-AES
依據不同樣品的材質而以適當的酸進行消化
(如下表
所示
) / Acid digestion by suitable acid depended on
different sample material (as below table)
過濾
/ Filtration
殘渣
/ Residue
1)
鹼熔融法
/ Alkali Fusion
2)
鹽酸溶解
/ HCl to dissolve
測試樣品重量
/ Sample Measurement
剪裁、製備樣品
/ Cutting、Preparation
硝酸
/鹽酸/氫氟酸的微波消化 /
Microwave digestion with HNO3/HCl/HF
加熱至適當溫度進行消化萃
取
/ Heat to appropriate
temperature to extract
冷卻後過濾樣品
/ Cool,
filter digestate through filter
加入發色劑顯色
/ Add
diphenyl-carbazide for
color development
以紫外光
-可見光光譜儀,量
測樣品溶液在
540 nm 的吸
收度
/ measure the
absorbance at 540 nm by
UV-VIS
添加適量消化液
/ Add
appropriate amount of
digestion reagent
汞
Hg
Note** (For IEC 62321)
(1) 針對非金屬材料加入鹼性消化液,加熱至 90~95℃萃取. / For non-metallic material, add alkaline digestion reagent and heat to
90~95 .
℃
(2) 針對金屬材料加入純水,加熱至沸騰萃取. / For metallic material, add pure water and heat to boiling.
33, Wu Chuan Rd., New Taipei Industrial Park, New Taipei City, Taiwan /
新北市新北產業園區五權路33號
t+886 (02)2299 3279 f+886 (02)2299 3237
www.sgs.tw
Member of the SGS Group
SGS Taiwan Ltd.
台灣檢驗科技股份有限公司
This document is issued by the Company subject to its General Conditions of Service printed overleaf, available on request or accessible at http://www.sgs.com/en/Terms-and-Conditions.aspx
and, for electronic format documents, subject to Terms and Conditions for Electronic Documents at http://www.sgs.com/en/Terms-and-Conditions/Termse-Document.aspx. Attention is
drawn to the limitation of liability, indemnification and jurisdiction issues defined therein. Any holder of this document is advised that information contained hereon reflects the Company’s
findings at the time of its intervention only and within the limits of client’s instruction, if any. The Company’s sole responsibility is to its Client and this document does not exonerate parties
to a transaction from exercising all their rights and obligations under the transaction documents. This document cannot be reproduced, except in full, without prior written approval of the
Company. Any unauthorized alteration, forgery or falsification of the content or appearance of this document is unlawful and offenders may be prosecuted to the fullest extent of the law.
Unless otherwise stated the results shown in this test report refer only to the sample(s) tested.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com