Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 4 Page - Analog Devices

  AD9286BCPZ-500 Datasheet HTML 1Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 2Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 3Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 4Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 5Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 6Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 7Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 8Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
AD9286
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, unless otherwise noted.
Table 1.
Parameter1
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
8
Bits
DC ACCURACY
Differential Nonlinearity
Full
±0.2
±0.4
LSB
Integral Nonlinearity
Full
±0.1
±0.3
LSB
No Missing Codes
Full
Guaranteed
Offset Error
Full
0
±0.4
±2.1
% FS
Gain Error
Full
0
±2
±2.8
% FS
MATCHING CHARACTERISTICS
Offset Error2
Full
0
±0.4
±2.1
% FS
Gain Error
Full
0
±0.05
±0.2
% FS
TEMPERATURE DRIFT
Offset Error
Full
±2
ppm/°C
Gain Error
Full
±20
ppm/°C
ANALOG INPUT
Input Span
Full
1.2
V p-p
Input Common-Mode Voltage
Full
1.4
V
Input Resistance (Differential)
Full
16
kΩ
Input Capacitance (Differential)
Full
250
fF
Full Power Bandwidth
Full
700
MHz
VOLTAGE REFERENCE
Internal Reference
Full
0.97
1
1.03
V
Input Resistance
Full
3
kΩ
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
Supply Current
IAVDD
Full
125
130
mA
IDRVDD
Full
51
54
mA
POWER CONSUMPTION
Sine Wave Input3
Full
315
330
mW
Power-Down Power
Full
0.3
1.7
mW
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and an explanation of how these tests were
completed.
2
See the Interleave Performance section.
3
Measured with a low frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
Rev. C | Page 3 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com