Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9286BCPZ-500 Datasheet HTML 20Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 21Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 22Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 23Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 24Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 25Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 26Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 27Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD9286
Data Sheet
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x0F
ADC input
(global/local)
Open
Analog
disconnect
(local)
Common-
mode
input
enable
(global)
Open
0x02
0x10
Offset (local)
Open
Offset adjust (twos complement format)
0111: +7
0110: +6
…
0001: +1
0000: 0
1111: −1
…
1001: −7
1000: −8
0x00
Device
offset trim
0x14
Output
mode (local)
Open
Output
enable
Open
Output
invert
Data format select
00: offset binary
01: twos complement
10: Gray code
11: reserved
0x00
Configures
the outputs
and the
format of
the data
0x16
Output
phase
(global)
DCO invert
Open
0x00
0x18
Voltage
reference
(global)
Open
Voltage reference and input full-scale adjustment (see Table 14)
0x00
Selects/
adjusts VREF
0x24
MISR LSB
(local)
LSBs of multiple input shift register (MISR)
0x00
MISR least
significant
byte; read
only
0x25
MISR MSB
(local)
MSBs of multiple input shift register (MISR)
0x00
MISR most
significant
byte; read
only
0x37
Timing
adjust (local)
Open
Fine timing skew
0000: 0.0 ps
0001: 0.075 ps
…
1111: 1.125 ps
0x00
Determines
the clock
delay that is
introduced
into the
sampling
path
0x38
Open
Coarse timing skew
0000: 0.0 ps
0001: 1.2 ps
…
1111: 18 ps
0x00
Determines
the clock
delay that is
introduced
into the
sampling
path
Rev. C | Page 24 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com