Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9286BCPZ-500 Datasheet HTML 10Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 11Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 12Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 13Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 14Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 15Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 16Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 17Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
AD9286
Rev. C | Page 13 of 27
75
70
65
60
55
50
45
0
50
100
150
200
250
300
350
400
450
500
INPUT FREQUENCY (MHz)
SFDR +85°C
SFDR –40°C
SFDR +25°C
SNRFS –40°C
SNRFS +25°C
SNRFS +85°C
Figure 13. SNRFS/SFDR vs. Input Frequency (fIN) and Temperature
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
100
150
200
250
300
350
400
450
500
ENCODE FREQUENCY (MHz)
TOTAL POWER
I_AVDD
I_DVDD
Figure 14. Supply Current and Power vs. Encode
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
0
32
64
96
128
160
192
224
256
OUTPUT CODE
Figure 15. DNL Error with fIN = 4.3 MHz
100
95
90
85
80
75
70
65
60
55
50
–3
–2
–1
0123
COARSE TIMING ADJUSTMENT (Bits)
+85°C
–40°C
+25°C
Figure 16. Alias Spur vs. Coarse Timing Adjustment and Temperature
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
0
32
64
96
128
160
192
224
256
OUTPUT CODE
Figure 17. INL Error with fIN = 4.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com