Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9286BCPZ-500 Datasheet HTML 3Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 4Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 5Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 6Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 7Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 8Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 9Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 10Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD9286
Data Sheet
Rev. C | Page 6 of 27
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, −1.0 dBFS differential input, 1.0 V internal reference, unless otherwise noted.
Table 4.
Parameter
Temperature
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
60
500
MHz
CLK Period (tCLK)
Full
2
Ns
CLK Pulse Width High (tCH)
Full
1
Ns
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)
3.7
ns
DCO Propagation Delay (tDCO)
Full
3.7
ns
DCO to Data Skew (tSKEW)
Full
−280
−60
100
ps
Pipeline Delay (Latency)
Full
11
Cycles
Aperture Delay (tA)
Full
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
ps rms
Wake-Up Time1
Full
500
μs
OUT-OF-RANGE RECOVERY TIME
Full
4
Cycles
1 Wake-up time is dependent on the value of the decoupling capacitors.
SPI TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Min
Typ
Max
Unit
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
SCLK pulse width high
10
ns
tLOW
SCLK pulse width low
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input
to an output relative to the SCLK falling edge
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output
to an input relative to the SCLK rising edge
10
ns
Timing Diagrams
N – 1
N – 2
N + 1
M – 11 N – 11 M – 10 N – 10 M – 9
N – 9
M – 8
M – 7
N – 8
N + 2
N + 4
N + 3
N
tCH
tCLK
M + 5
M + 4
M + 3
M + 1
M + 2
tA
M
M – 1
VIN1+, VIN1–
VIN2+, VIN2–
CLK+
CLK–
DCO+, DCO–
DATA
tA
tDCO
tSKEW
tPD
Figure 2. Output Timing Diagram, Sample Mode = Interleaved (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com