Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9286BCPZ-500 Datasheet HTML 14Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 15Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 16Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 17Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 18Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 19Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 20Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 21Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
AD9286
In this mode, the AD9286 can also function as a dual 8-bit,
250 MSPS converter. This may be useful in applications where
both a single 8-bit, 500 MSPS and a dual 8-bit, 250 MSPS converter
are needed. The clock management block requires that CLK±
and AUXCLK± be either 0° or 180°, relative to each other. If this
requirement is satisfied, the circuit correctly time aligns the data
coming out of each ADC core.
If the user desires to operate the AD9286 as a dual 8-bit, 250
MSPS converter and supply only a single clock, this is achieved
by setting sample mode to simultaneous, with the AUXCLKEN
pin tied to AGND. In this mode, the two ADC cores sample
simultaneously. For a summary of all supported clocking
modes, see Table 9.
The AD9286 supports the clocking of each internal ADC with
separate clocks. By setting AUXCLKEN to DRVDD, the user
can supply a differential auxiliary clock to AUXCLK+ and
AUXCLK−. In this mode, each internal ADC core has a maximum
sample rate of 250 MSPS. This mode bypasses the internal timing
adjustment blocks.
Interleave Performance
The AD9286 achieves 500 MSPS conversion by time interleaving
two 250 MSPS ADC channels. Although this technique is sufficient
in achieving 8-bit performance, quantifiable errors are introduced.
These errors come from three sources: gain mismatch, imperfect
out-of-phase sampling, and offset mismatch between the two
channels. Distortion appears spectrally in two distinct ways: gain
and timing mismatch appear as an alias spur (see Equation 1), and
offset mismatch appears as a spur located at the Nyquist rate of the
converter (see Equation 2).
fALIAS_SPUR = fS/2 − fIN
(1)
where:
fS is the interleaved sample rate.
fIN is the analog input frequency.
fOFFSET_SPUR = fS/2
(2)
where fS is the interleaved sample rate.
The magnitude of the alias spur (AS) contributed by a gain error
is shown in Equation 3.
ASGAIN (dBc) = 20 × log(ASGAIN) = 20 × log(GE/2)
(3)
where:
GE = Gain_Error_Ratio = 1 − VFS1/VFS2.
VFSn is the full-scale voltage of Core n.
ASGAIN, as a function of gain mismatch, is shown in Figure 30.
85
80
75
70
65
60
55
50
45
0
0.5
0.4
0.3
0.2
0.1
GAIN MISMATCH (% FS)
Figure 30. ASGAIN as a Function of Gain Mismatch
The magnitude of the alias spur (AS) contributed by a timing
error is shown in Equation 4.
ASTIMING (dBc) = 20 × log(ASTIMING) = 20 × log(θEP/2)
(4)
where θEP = ωA × ∆tE(Radians), with ωA as the analog input
frequency and ∆tE as the clock skew error.
ASTIMING, as a function of timing error, is shown in Figure 31.
85
80
75
70
65
60
55
50
45
0
12
10
8
6
4
2
TIMING ERROR (ps)
Figure 31. ASTIMING as a Function of Timing Error
The total magnitude of the alias spur (AS) is shown in Equation 5.
ASTOTAL (dB) = 20 × log√((ASGAIN)2 + (ASTIMING)2)
(5)
Table 9. Supported Clocking Modes
Effective Number
of Channels
Maximum CLK
Frequency
AUXCLK
Frequency
AUXCLK Phase
Relative to CLK
AUXCLKEN
SPI Register,
Address 0x09, Bit 3
Clock Timing Adjust
One
500 MSPS
N/A
N/A
Low
0
Internal
Two
250 MSPS
N/A
N/A
Low
1
N/A
Two
250 MSPS
CLK
0°
High
1
N/A
One
250 MSPS
CLK
180°
High
1
External
Rev. C | Page 17 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com