Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9286BCPZ-500 Datasheet HTML 6Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 7Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 8Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 9Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 10Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 11Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 12Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 13Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
AD9286
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to DRGND
−0.3 V to +2.0 V
AGND to DRGND
−0.3 V to +0.3 V
AVDD to DRVDD
−2.0 V to +2.0 V
D0+/D0− through D7+/D7−
to DRGND
−0.3 V to DRVDD + 0.3 V
DCO+, DCO− to DRGND
−0.3 V to DRVDD + 0.3 V
CLK+, CLK− to AGND
−0.3 V to AVDD + 0.2 V
AUXCLK+, AUXCLK− to AGND
−0.3 V to AVDD + 0.2 V
VIN1±, VIN2± to AGND
−0.3 V to AVDD + 0.2 V
SDIO/PWDN to DRGND
−0.3 V to DRVDD + 0.3 V
CSB to AGND
−0.3 V to DRVDD + 0.3 V
SCLK to AGND
−0.3 V to DRVDD + 0.3 V
Environmental
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
(Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
48-Lead LFCSP (CP-48-12)
30.4
2.9
°C/W
ESD CAUTION
Rev. C | Page 9 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com