Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9286BCPZ-500 Datasheet HTML 8Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 9Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 10Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 11Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 12Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 13Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 14Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 15Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
AD9286
Pin No.
Mnemonic
Type
Description
20
D4+
Output
Output Data 4—True.
19
D4−
Output
Output Data 4—Complement.
16
D3+
Output
Output Data 3—True.
15
D3−
Output
Output Data 3—Complement.
14
D2+
Output
Output Data 2—True.
13
D2−
Output
Output Data 2—Complement.
12
D1+
Output
Output Data 1—True.
11
D1−
Output
Output Data 1—Complement.
10
D0+ (LSB)
Output
Output Data 0—True.
9
D0− (LSB)
Output
Output Data 0—Complement.
18
DCO+
Output
Data Clock Output—True.
17
DCO−
Output
Data Clock Output—Complement.
SPI Control Pins
30
SCLK
Input
SPI Serial Clock.
31
SDIO/PWDN
Input/output
SPI Serial Data I/O (SDIO)/Power-Down Input in External Mode (PWDN).
32
CSB
Input
SPI Chip Select (Active Low).
Rev. C | Page 11 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com