Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9286BCPZ-500 Datasheet HTML 11Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 12Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 13Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 14Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 15Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 16Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 17Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 18Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD9286
Data Sheet
EQUIVALENT CIRCUITS
AVDD
1.2V
AVDD
CLK+
AVDD
CLK–
10kΩ
10kΩ
Figure 18. Clock Inputs
AVDD
VIN+
BUF
AVDD
VIN–
BUF
BUF
AVDD
VCML
~1.4V
8kΩ
8kΩ
Figure 19. Analog Inputs (VCML = ~1.4 V)
DRVDD
DRVDD
DRVDD
CSB
350Ω
30kΩ
Figure 20. CSB
DRVDD
DRVDD
350Ω
30kΩ
SCLK, OE,
AUXCLKEN
Figure 21. SCLK, OE, AUXCLKEN
DRVDD
SDIO
CTRL
350Ω
30kΩ
Figure 22. SDIO
DRVDD
D7– TO D0–
D7+ TO D0+
V+
V–
V–
V+
Figure 23. LVDS Output Driver
Rev. C | Page 14 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com