Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9286BCPZ-500 Datasheet HTML 13Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 14Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 15Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 16Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 17Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 18Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 19Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 20Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD9286
Data Sheet
Rev. C | Page 16 of 27
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9286 sample clock inputs,
CLK+ and CLK− (and, optionally, AUXCLK+ and AUXCLK−),
with a differential signal. The signal is typically ac-coupled into
the CLK+ and CLK− pins via a transformer or capacitors.
Clock Input Options
The AD9286 has a very flexible clock input structure. The clock
input can be an LVDS, LVPECL, or sine wave signal. Each con-
figuration that is described in this section applies to both CLK+
and CLK− and AUXCLK+ and AUXCLK−, when necessary.
Figure 26 and Figure 27 show two preferred methods for clocking
the AD9286. A low jitter clock source is converted from a
single-ended signal to a differential signal using either an RF
transformer or an RF balun. The back-to-back Schottky diodes
across the transformer/balun secondary limit clock excursions
into the AD9286 to approximately 0.8 V p-p differential.
This limit helps prevent the large voltage swings of the clock
from feeding through to other portions of the AD9286, while
preserving the fast rise and fall times of the signal that are
critical to low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2822
50Ω 100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
CLOCK
INPUT
Figure 26. Transformer-Coupled Differential Clock
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2822
1nF
1nF
50Ω
CLK–
CLK+
ADC
CLOCK
INPUT
Figure 27. Balun-Coupled Differential Clock
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 28. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516/AD9517 clock drivers offer
excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
ADC
AD951x
PECL DRIVER
CLOCK
INPUT
CLOCK
INPUT
Figure 28. Differential PECL Sample Clock
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 29. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516/AD9517
clock drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
AD951x
LVDS DRIVER
CLOCK
INPUT
CLOCK
INPUT
Figure 29. Differential LVDS Sample Clock
Clocking Modes
The AD9286 powers up as a single-channel converter with inter-
leaving enabled. In this mode, a single high speed clock, driving
CLK+ and CLK−, is divided down into two half-speed clocks
running 180° out of phase with each other, each driving their
respective ADC core. By strapping the two analog inputs together
externally, the AD9286 operates as a single 500 MSPS ADC.
Because the high sample rate is achieved by interleaving two
ADC cores, mismatch between the cores, board layout, and
clock timing can cause unwanted distortion. The AD9286 has
been designed with two well-matched ADC cores to minimize
mismatch. To aid the user in removing timing errors, the AD9286
provides both fine and coarse timing adjustments, per channel,
through SPI. These features are available at Register 0x37 (fine)
and Register 0x38 (coarse).
The AD9286 supports a mode that allows the user to provide
two separate half-speed clocks, bypassing the internal clock
timing circuits and permitting external control of the clock
timing relationship for each interleave channel. When the
sample mode is set to simultaneous (Address 0x09, Bit 3 = 1)
and the AUXCLKEN pin is tied to DRVDD, the AD9286 expects a
second clock on its auxiliary clock input (AUXCLK+, AUXCLK−).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com