Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286BCPZ-500 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9286BCPZ-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZ-500 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9286BCPZ-500 Datasheet HTML 20Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 21Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 22Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 23Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 24Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 25Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 26Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 27Page - Analog Devices AD9286BCPZ-500 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD9286
Data Sheet
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting design and layout of the AD9286 as a system,
it is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements that are needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD9286, it is strongly recom-
mended that two separate supplies be used. Use one 1.8 V supply
for analog (AVDD); use a separate 1.8 V supply for the digital
output supply (DRVDD). If a common 1.8 V AVDD and DRVDD
supply must be used, the AVDD and DRVDD domains must be
isolated with a ferrite bead or filter choke and separate decoupling
capacitors. Several different decoupling capacitors can be used
to cover both high and low frequencies. Locate these capacitors
close to the point of entry at the printed circuit board (PCB)
level and close to the pins of the part, with minimal trace length.
A single PCB ground plane should be sufficient when using the
AD9286. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
Exposed Paddle Thermal Heat Sink Recommendations
The exposed paddle (Pin 0) is the only ground connection
for the AD9286; therefore, it must be connected to analog
ground (AGND) on the customer PCB. To achieve the best
electrical and thermal performance, mate an exposed (no
solder mask), continuous copper plane on the PCB to the
AD9286 exposed paddle, Pin 0.
The copper plane should have several vias to achieve the
lowest possible resistive thermal path for heat dissipation
to flow through the bottom of the PCB. Fill or plug these
vias with nonconductive epoxy.
To maximize the coverage and adhesion between the ADC and
the PCB, a silkscreen should be overlaid to partition the continuous
plane on the PCB into several uniform sections. This provides
several tie points between the ADC and the PCB during the reflow
process. Using one continuous plane with no partitions guarantees
only one tie point between the ADC and the PCB. For detailed
information about packaging and PCB layout of chip scale
packages, see the AN-772 Application Note, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP), at www.analog.com.
VCM
The VCM pin should be decoupled to ground with a 0.1 µF
capacitor.
RBIAS
The AD9286 requires that a 10 kΩ resistor be placed between
the RBIAS pin and ground. This resistor, which sets the master
current reference of the ADC core, should have at least a 1%
tolerance.
Reference Decoupling
Decouple the VREF pin externally to ground with a low ESR,
1.0 µF capacitor in parallel with a low ESR, 0.1 µF ceramic
capacitor.
SPI Port
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD9286 to prevent these signals from transitioning at the converter
inputs during critical sampling periods.
Rev. C | Page 26 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com