Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 21 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 21 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 17Page - Espros Photonics corp EPC901 Datasheet HTML 18Page - Espros Photonics corp EPC901 Datasheet HTML 19Page - Espros Photonics corp EPC901 Datasheet HTML 20Page - Espros Photonics corp EPC901 Datasheet HTML 21Page - Espros Photonics corp EPC901 Datasheet HTML 22Page - Espros Photonics corp EPC901 Datasheet HTML 23Page - Espros Photonics corp EPC901 Datasheet HTML 24Page - Espros Photonics corp EPC901 Datasheet HTML 25Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
BW_VIDEO_CONF_I2C / BW_VIDEO_CONF_EFF
Bit no.
7
6
5
4
3
2
1
0
Bit name
n/a
n/a
n/a
n/a
BW_VIDEO_1
BW_VIDEO_0
Operation
n/a
n/a
n/a
n/a
R/W
R/W
Default
n/a
n/a
n/a
n/a
0x1
0x1
Table 7: Description of register BW_VIDEO_CONF_I2C, BW_VIDEO_CONF_EFF
BW_VIDEO_1, BW_VIDEO_0:
1000 or 1100:
Low video bandwidth (referred to as 4 MHz, see section 4.4.)
1010 or 1111:
Min. video bandwidth (referred to as 1 MHz, see section 4.4.)
0101 or others:
Max. video bandwidth (referred to as 16 MHz, see section 4.4.)
0010 or 0011:
High video bandwidth (referred to as 8 MHz, see section 4.4.)
MISC_CONF
Bit no.
7
6
5
4
3
2
1
0
Bit name
SC_CMFB_
EN
n/a
n/a
n/a
n/a
VIDEO_AMP
_PD_OVR_
EN
VIDEO_AMP
_PD_OVR
RD_CONF_
CTRL
Operation
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default for versions < -032
Default from version -032
0
1
0
0
0
0
1
1
1
1
0
0
0
0
0
0
Table 8: Description of register MISC_CONF
Register Name
Description
1
0
SC_CMFB_EN
Disabled: Video amplifier to use continuous-time common-mode
feedback
Enabled: Video amplifier to use switched-capacitor common-mode
feedback
Note: This bit has to be enabled in conjunction with enabling bit
AMP_PHY_IDLE_EN in register FORCE_ANA_CTRL_SIGS (see Ta-
ble 23)
enabled
disabled
n/a
n/a; do not change
n/a
default
n/a
n/a; do not change
n/a
default
n/a
n/a; do not change
enabled
disabled
n/a
n/a; do not change
enabled
disabled
VIDEO_AMP_PD_OVR_EN
Enable/disable whether the register bit VIDEO_AMP_PD_OVR is ef-
fective
enabled
disabled
VIDEO_AMP_PD_OVR
Video amplifier power down. This bit is only effective if register bit
VIDEO_AMP_PD_OVR_EN is set
Video amp off
Video amp on
RD_CONF_CTRL
Selects the control of the configuration
Use configura-
tion registers
Use configura-
tion pins
Table 9: Description of register setting MISC_CONF
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
21 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com