Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 1 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 1 Page - Espros Photonics corp

  EPC901 Datasheet HTML 1Page - Espros Photonics corp EPC901 Datasheet HTML 2Page - Espros Photonics corp EPC901 Datasheet HTML 3Page - Espros Photonics corp EPC901 Datasheet HTML 4Page - Espros Photonics corp EPC901 Datasheet HTML 5Page - Espros Photonics corp EPC901 Datasheet HTML 6Page - Espros Photonics corp EPC901 Datasheet HTML 7Page - Espros Photonics corp EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Datasheet – epc901
CCD line sensor 1024x1 pixel
General Description
The epc901 IC is a high-performance CCD line sensor capable of
storing a total of 4 frames in the frame store elements for ultra
high-speed image acquisition. The acquisition of the image is con-
trolled by the external control signal SHUTTER. The epc901 flags
when a frame is ready for read-out by asserting the DATA_RDY
signal.
The transmission of the frame over the video amplifier is controlled
by the external control signal READ. When a read-out is initiated
by a pulse on the READ signal, it is sampled by a CDS stage. After
a fixed delay the frame can be shifted out through the video amplifi-
er by applying the appropriate amount of read clock edges.
The device offers various configuration options:
■ Gain of the read-out stage selectable of 1, 2 or 4
■ Transmission direction selectable
■ Region of interest (ROI) centre region (pixel 256 to 767)
■ Lateral binning of 2 or 4 pixels in order to reduce transmission
time and noise
■ Single- or multi-frame acquisition
■ Clearing of frames stored and periodic flushing of pixel array to
avoid blooming.
Features
■ Photosensitive CCD array backside illuminated with 1024x1 pixel
■ Very high frame rate of up to 50 kfps, in burst mode 500 kfps for
4 images (store up to 4 acquired images on-chip in charge do-
main)
■ Very high sensitivity due to 100% fill factor and epc's unique
OHC15L process technology
■ Pixel size 7.5 x 120μm
■ Correlated-double sampling (CDS) per pixel
■ Single-ended or differential analog video output
■ Simple 5-pin control interface for acquisition and read-out
■ I2C bus interface
■ Internal clock source, trimmable
■ Two on-chip temperature sensors with 12 bit resolution
■ Single supply voltage
■ 32 Pin space saving CSP package
■ Chip size L x W x T: 8.0 x 1.3 x 0.23 mm
Applications
■ Linear and rotary encoder
■ Triangulation light barrier / distance measurement
■ Line sensor / camera
■ Business card readers & portable scanners
■ Multi-touch displays / electronic whiteboards
■ Finger print readers
■ Spectrometers
■ Check & ticket readers
■ Speed measurement
■ Barcode readers
Block diagram
CCD 1024x1
Frame store 4
Frame store 2
Frame store 3
1024 : 1 MUX
Logic
I2C-Interface
Analog output
Configuration
Inputs
Configuration
I2C-bus
Frame store 1
Figure 1: Top-level block diagram of the epc901 IC
Figure 2: Picture of the epc901
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
1 / 37
Datasheet_epc901-V5.6
www.espros.com


Similar Part No. - EPC901

ManufacturerPart #DatasheetDescription
logo
Efficient Power Convers...
EPC9079 EPC-CO-EPC9079 Datasheet
1Mb / 6P
Development Board EPC9079 Quick Start Guide
More results

Similar Description - EPC901

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX128MA SONY-ILX128MA Datasheet
170Kb / 15P
5350-pixel X 6-line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
5300 pixel X 3 line CCD Linear Sensor (Color)
ILX548K SONY-ILX548K Datasheet
135Kb / 11P
5340 pixel 횞 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
2700-pixel X 3 line CCD Linear Sensor (Color)
ILX558K SONY-ILX558K Datasheet
93Kb / 11P
5340-pixel 횞 3-line CCD Linear Sensor (Color)
logo
Texas Instruments
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
pixel ccd image sensor
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
pixel ccd image sensor
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
PIXEL CCD IMAGE SENSOR
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com