Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 6 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 6 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 2Page - Espros Photonics corp EPC901 Datasheet HTML 3Page - Espros Photonics corp EPC901 Datasheet HTML 4Page - Espros Photonics corp EPC901 Datasheet HTML 5Page - Espros Photonics corp EPC901 Datasheet HTML 6Page - Espros Photonics corp EPC901 Datasheet HTML 7Page - Espros Photonics corp EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp EPC901 Datasheet HTML 10Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
3. Electrical, optical and timing characteristics
(TA = 25°C, VDD = 3.0V unless otherwise noted)
3.1. Recommended operating conditions
Parameter
Description
Min
Typ
Max
Unit
VDD Nominal
Nominal supply voltage on VDD and VDD_OA
2.70
3.00
3.45
V
Supply voltage on VDD and VDD_OA
with Read Clock of max. 1 MHz.
2.45
PSRR
Power supply rejection ratio VDD and VDD_OA.
Differential
13
dB
Single ended
9
dB
TJ
Junction temperature range
-40
85
°C
Rth J-A
Thermal resistance junction - ambient
65
K/W
3.2. System characteristics
Parameter
Description
Min
Typ
Max
Unit
RVIDEO
Frame rate on video output
1
50k
fps
B3dB,VIDEO
3dB-bandwidth of video output @ CLVIDEO = 40pF
10
11
MHz
BI2C
I2C transmission rate
400
kbit/s
3.3. Electrical characteristics
Parameter
Description
Min
Typ
Max
Unit
I
DD+IDD_OA
1
Total current consumption on pins VDD and VDD_OA
(refer to section 12.)
Differential mode,
full video bandwidth, 50kfps 2,
Charge pump:
ON
Temperature sensors:
ON
Idle mode (READ = L)
26
39
mA
Peak, during read-out
48
72
mA
Differential mode,
full video bandwidth, 50kfps 2,
external VDD5V0 supply 3
Charge pump:
OFF
Temperature sensors:
OFF
Idle mode (READ = L)
10
15
mA
Peak, during read-out
16
24
mA
Differential mode,
low video bandwidth, 1kfps 4,
external VDD5V0 supply 3
Charge pump:
OFF
Temperature sensors:
OFF
Idle mode (READ = L)
6.0
9.0
mA
Peak, during read-out
6.0
9.0
mA
Single-ended mode,
low video bandwidth, 1kfps 4
Charge pump:
ON
Temperature sensors:
ON
Idle mode (READ = L)
21
30
mA
Peak, during read-out
40
60
mA
Single-ended mode,
low video bandwidth, 1kfps 4,
external VDD5V0 supply 3
Charge pump:
OFF
Temperature sensors:
OFF
Idle mode (READ = L)
5.0
10.0
mA
Peak during read-out
5.0
10.0
mA
Power-Save mode (POWR_DOWN = H, shutter still working),
external VDD5V0 supply 3
Charge pump:
OFF
Temperature sensors:
OFF
1.3
2
mA
In-rush current at power-up during approximately 5ms
Charge pump:
ON
60
90
mA
In-rush current at power-up during approximately 2ms,
external VDD5V0 supply 3
Charge pump:
OFF
50
75
mA
I
DD_5V
Current consumption on pin VDD_5V0 3,
Differential/single-ended mode, full video bandwidth, 50kfps 2
external VDD5V0 supply 3)
Charge pump:
OFF
1.2
2.5
mA
VDIL
Low voltage level on binary digital inputs 5 (Level L)
0.2*VDD
V
VDIH
High voltage level on binary digital inputs 5 (Level H)
0.5*VDD
V
VDOL, VTERIL
Low voltage level on binary and ternary digital outputs (Level L)
0.2*VDD
V
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
6 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com