Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 8 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 8 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 4Page - Espros Photonics corp EPC901 Datasheet HTML 5Page - Espros Photonics corp EPC901 Datasheet HTML 6Page - Espros Photonics corp EPC901 Datasheet HTML 7Page - Espros Photonics corp EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp EPC901 Datasheet HTML 10Page - Espros Photonics corp EPC901 Datasheet HTML 11Page - Espros Photonics corp EPC901 Datasheet HTML 12Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
3.5. Timing parameters
Parameter
Description
Min
Typ
Max
Unit
TSTARTUP
Start-up time after applying external supply/supplies
(includes ramp-up of charge pump)
10
ms
TCP_UP
Charge pump power-up time: time from changing the bit CP_PD
from 1 to 0 until chip is operational (internal VDD5V)
5
ms
TWAKE_UP
Wake-up time from Power-Save mode
7
12
µs
f
OSC
Oscillator clock frequency at nominal trim
value (OSC_TRIM_REG at default value)
room temperature
22.4
36
48
MHz
-20°C < TA < 65°C
18
36
58
MHz
f
OSC_MAX_TRIM
Frequency of oscillator clock that can be achieved through trim-
ming 3 at room temperature.
32
MHz
TSU,CONF
Setup time of configuration pins with respect to rising edge of
read pulse
50
ns
TH,CONF
Hold time of configuration pins with respect to rising edge of read
pulse
3
Oscillator
clock cycles
TSHUTTER
Pulse width of SHUTTER signal
5
Oscillator
clock cycles
TFLUSH
Flush period 1
30
32
Oscillator
clock cycles
TSHIFT
Shift period 1
24
26
Oscillator
clock cycles
TRD_PULSE
Pulse width of Read Pulse
3
Oscillator
clock cycles
TCDS
CDS operation
37
Oscillator
clock cycles
TSTORE
Duration how long a frame may be stored in the frame-store
10
ms
TRD_CLK
Period of the read clock
18.5
10'000
ns
fREAD
READ clock rate (the inverse of TRD_CLK) 2
0.1
54
MHz
D
READ clock duty cycle @ f
READ max
45
50
55
%
TH,VIDEO
Period during which the output of the video amplifier is held sta-
ble after the last read clock edge
50
µs
TPERIOD,FLUSH
Periodicity of the periodic flush operation 4
100
ms
TPULSE,CLR_DATA
Pulse width on CLR_DATA
3
Oscillator
clock cycles
BI2C
I2C transmission rate
400
kbit/s
Notes:
1
By measuring the frequency of the internal clock oscillator (see section 9.), the duration of the internal flush and shift periods can be cal-
culated exactly.
2
To achieve the maximum clock frequency, the duty cycle of the read clock has to be 50% with a maximal tolerance of ±5%.
3
The internal oscillator must not be trimmed to a frequency higher than 50MHz.
4
Refer to section 5.6. for more details.
3.6. Absolute maximum ratings
Description
Conditions
Power supply voltage (VDD)
-0.3V to +5V
Voltage to any Pin
-0.3 to VDD +0.3V
Storage Temperature Range (TS)
-40°C to +85°C
Relative humidity
0 to 95% non-condensing
ESD rating
all pins except VDD7V0 vs. VDD1V8:
HBM class 2 ( 2kV to <4kV, JEDEC)
Pin VDD7V0 vs. VDD1V8:
HBM class 1B (500V to <1kV, JEDEC)
Note: Pin VDD7V0 is in the final circuit loaded with 2.2µF low ESR capacitor.
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
8 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com