Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 12 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 12 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp EPC901 Datasheet HTML 10Page - Espros Photonics corp EPC901 Datasheet HTML 11Page - Espros Photonics corp EPC901 Datasheet HTML 12Page - Espros Photonics corp EPC901 Datasheet HTML 13Page - Espros Photonics corp EPC901 Datasheet HTML 14Page - Espros Photonics corp EPC901 Datasheet HTML 15Page - Espros Photonics corp EPC901 Datasheet HTML 16Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
4.2. Dynamic change of the configuration pins
If the configuration pins shall dynamically be changed in the application, the setup and hold time as shown in the diagram below have to be
used for a safe operation of the IC.
READ
configuration pins
T
SU,CONF
T
H,CONF
4.3. Charge pump on/off through DATA_RDY strap pin
The DATA_RDY pin is used as a strap pin to enable/disable the charge pump. At power-up, the voltage level on DATA_RDY is checked.
In case of a logic-low level, which is set by the internal pull-down resistor, the charge pump is on by default. In case of a logic-high level,
which can be set by an external 10k pull-up resistor, the charge pump is off by default (see figure below).
DATA_RDY
DGND
VDD
R
DI
R
PU
10k
DATA_RDY
DGND
R
DI
4
4
Charge pump on
Charge pump off
4.4. Frequency response setting
The following Bode plot shows the typical frequency response of the readout chain, according to the settings of the configuration pins BW0
and BW1, refer to section 4.1. Configuration pin description and Table 7.
1
10
100
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
Typical frequency response
Bandwidth = 16MHz
Bandwidth = 1MHz
f[MHz]
1
10
100
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
Typical frequency response
Bandwidth = 1, VIDEO_GBW_SEL_REG = 0x00
f[MHz]
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
12 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com