Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 4 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 4 Page - Espros Photonics corp

  EPC901 Datasheet HTML 1Page - Espros Photonics corp EPC901 Datasheet HTML 2Page - Espros Photonics corp EPC901 Datasheet HTML 3Page - Espros Photonics corp EPC901 Datasheet HTML 4Page - Espros Photonics corp EPC901 Datasheet HTML 5Page - Espros Photonics corp EPC901 Datasheet HTML 6Page - Espros Photonics corp EPC901 Datasheet HTML 7Page - Espros Photonics corp EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
2. Pin-out
2.1. Pin assignment
epc901
32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Figure 4: Pin-out of epc901 with view to the photo-sensitive side (top-view)
2.2. Pin table
Pin no. Pin name
Pin type
Default [V] Description
Digital pins
2
PWR_DOWN
DI
0
Power-down mode enable
3
CLR_DATA
DI
0
Clear internal data memory controller
5
CLR_PIX
DI
0
Rising edge resets pixels and its controller
6
SHUTTER
DI
0
Exposure active when SHUTTER set
12
READ
DI
0
Read-out control and read clock
4
DATA_RDY
DO
Flag when data on video interface is ready. Used as a strap pin to turn on/off
the charge pump
13
SDA
DIOD
VDD
I2C serial data (open drain)
14
SCL
DIOD
VDD
I2C serial clock (open drain)
15
ROI_SEL
DI
0
Region of interest selection
17
CS1
TER
VDD/2
I2C chip select 1
19
CS0
TER
VDD/2
I2C chip select 0
21
GAIN
TER
VDD/2
Select gain of read-out path
22
BW0
TER
VDD/2
LSB of bandwidth of video amplifier
23
BW1
TER
VDD/2
MSB of bandwidth of video amplifier
24
RD_DIR
DI
0
Read-out direction
25
HOR_BIN
TER
VDD/2
Horizontal binning selection
30
TEST_MODE
DI
0
Chip test
Analog pins
8
VIDEO_N
AO
Negative terminal of video output
9
VIDEO_P
AO
Positive terminal of video output
11
VIDEO_CM
AI
VDD/2 or 0 Voltage to set video output common-mode
27
I_BIAS
AI
Bias current
28
ANA_TEST_1
AIO
0
Analog test in-/output 1
29
ANA_TEST_0
AIO
0
Analog test in-/output 0
Supply pins
26
VDD
Supply
Positive chip supply voltage
10
VDD_OA
Supply
Positive supply of video amplifier
32
VDD_1V8
AO / Supply
Decoupling of digital partition
18
VDD_5V0
AO / Supply
Decoupling of CCD bias voltage, input is supplied externally (refer to 12.2.)
20
VDD_7V0
AO / Supply
Decoupling of charge pump
16
AGND
Supply
Analog ground
1
AGND
Supply
Analog ground
7
GND_OA
Supply
Video amplifier ground
31
DGND
Supply
Digital ground
Definitions:
■ DI:
Digital input pin, with an internal pull-down resistor of approx. 100-250kΩ
■ DO:
Digital output pin
■ DIOD:
General purpose bidirectional digital pin with open-drain output, requires external pull-up resistor
■ AO:
Analog output
■ AI:
Analog input
■ AIO:
Analog input and output
■ TER:
Ternary input pin, with a pull-down and an equal pull-up resistor of approx. 100-250kΩ which tie the pin to the VDD/2 state.
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
4 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com