Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 11 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 11 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 7Page - Espros Photonics corp EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp EPC901 Datasheet HTML 10Page - Espros Photonics corp EPC901 Datasheet HTML 11Page - Espros Photonics corp EPC901 Datasheet HTML 12Page - Espros Photonics corp EPC901 Datasheet HTML 13Page - Espros Photonics corp EPC901 Datasheet HTML 14Page - Espros Photonics corp EPC901 Datasheet HTML 15Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
4. Chip configuration
The epc901 IC can be configured either by the configuration pins or through I2C commands. At power-up or software reset, the status of
the configuration pins are read and used to operate the chip. The configuration can later on be changed with I2C commands (refer to Table
9). Make sure that the bit RD_CONF_CTRL is set properly.
4.1. Configuration pin description
Pin Name
Low (GND)
High-Z
High (VDD)
Comments
RD_DIR
Pixel 0 .. 1023
Pixel 1023 .. 0
ROI_SEL
Pixel 0 .. 1023
Pixel 256 .. 767 Readout region of the pixel array
Gain
2
1
4
Multiplier for the conversion gain
HOR_BIN
2 pixel
1 pixel
4 pixel
Defines horizontal binning. Binning here means averaging over 2 or 4 pix-
els in the voltage domain (not charge domain!) e.g. for HOR_BIN=H, pix-
els 0..3, 4..7, 8..11 etc. are averaged as follows
V
BINNING_BY_4 [ i ]=
V
[i]+V [i+1]+V [i+2]+V [i+3 ]
4
, i = 0, 3, 7, .., 1020
Binning can be used to reduce the read-out time by the binning factor.
Note: Binning 2 (HOR_BIN = 0) is not applicable for single-ended mode.
VIDEO_CM
Single ended
Differential
n/a
Refer also to section 11.1. Circuit for differential mode
DATA_RDY
Charge pump
on
N/A
Charge pump
off
Refer to section 4.3.
BW0
X
Max. video bandwidth
(referred to as 16MHz, see section 4.4. Frequency response setting)
BW1
X
BW0
X
High video bandwidth
(referred to as 8MHz)
BW1
X
BW0
X
Low video bandwidth
(referred to as 4MHz)
BW1
X
BW0
X
Min. video bandwidth
(referred to as 1MHz, see section 4.4. Frequency response setting)
BW1
X
Table 3: Configuration pin description
Notes:
•
The shaded values are recommended for typical and easy to use applications.
•
The bandwidth of the video amplifier (configured through BW and VIDEO_GBW_SEL_REG) affects the current consumption of
the chip and the noise at the output. The lower the bandwidth the lower the noise and the lower the current consumption. Thus, it
is a good concept to keep the bandwidth as low as possible.
•
The configuration pins are read into the registers ACQ_TX_CONF_EFF and BW_VIDEO_CONF_EFF (and become effective)
upon reset (i.e. power-up or software reset). In case RD_CONF_CTRL is left at default setting 0 (see Table 9), the configuration
pins are also read upon the rising edge of READ (refer to section 5.4.).
•
The re-sampled values of the configuration pins take effect immediately if the configuration is controlled by the configuration
pins.
•
The configuration set by the configuration pins can be overwritten by writing to the registers ACQ_TX_CONF and/or
BW_VIDEO_CONF through I2C (see section 10.). The overwrite functionality has to be enabled by setting RD_CONF_CTRL=1
(see Table 9).
•
The CS0 and CS1 pin configuration are described in section 10.1.1. Device addressing.
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
11 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com