Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 7 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 7 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 3Page - Espros Photonics corp EPC901 Datasheet HTML 4Page - Espros Photonics corp EPC901 Datasheet HTML 5Page - Espros Photonics corp EPC901 Datasheet HTML 6Page - Espros Photonics corp EPC901 Datasheet HTML 7Page - Espros Photonics corp EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp EPC901 Datasheet HTML 10Page - Espros Photonics corp EPC901 Datasheet HTML 11Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Parameter
Description
Min
Typ
Max
Unit
VDOH, VTERIH
High voltage level on binary and ternary digital outputs (Level H)
0.8*VDD
V
VTERIM
Centre voltage level on ternary digital inputs (Level M)
0.4*VDD
0.6*VDD
V
IDI
Sink current at digital inputs
10
μA
R
DI
Internal pull-down resistor
100
250
kΩ
R
TER
Internal voltage dividing resistors which force the input to VDD/2
100
250
kΩ
IDO
Sink / source current at digital outputs
3
mA
VVDD1V8
Internally generated voltage on pin VDD1V8
1.62
1.8
1.98
V
VVDD5V0
Internally generated voltage on pin VDD5V0
4.5
5.0
5.5
V
VDD7V0
Internally generated voltage on pin VDD7V0
6.0
6.5
7.0
V
VVIDEO_P,N
Voltage range at output of video amplifier (@ gain 1)
0.25
VDD-0.25
V
VCM_SE
Voltage at VIDEO_CM to select single-ended mode
0.4
V
VCM_D
Common-mode voltage in differential mode, set on pin
VIDEO_CM. Note: For VCM_D>1V, differential mode is detected au-
tomatically by default. For VCM_D<1V, differential mode has to be
enabled by setting bit AMP_OVR in register
FORCE_ANA_CTRL_SIGS (see section 10.3.)
0.5
V
DD/2
V
DD/2+0.1
V
RIN,CM
Input resistance of VIDEO_CM
100
kΩ
CMRRCM
Common-mode rejection ratio on
VIDEO_CM (f ≥ 100 kHz)
100kHz … 50MHz
17
dB
100kHz … 10Mhz
24
dB
VOFF,VIDEO,CM
Common-mode offset of video amplifier output
±50
mV
VOFF,VIDEO,SIG
Signal offset of video amplifier output
±100
mV
CLVIDEO
Load capacitance on video output
single ended
5
100
pF
differential
5
25
pF
RINT,VIDEO
Output resistance of the video amplifier
single ended
32
100
Ω
differential
11
100
Ω
RLVIDEO
Load resistance on video output
3
kΩ
Notes:
1
The current values change after the first Read Pulse after boot-up. The values here are after this first Read Pulse.
2
Video amplifier BW = HIGH_BW, VIDEO_GBW_SEL_REG = 0x3.
3
VDD5V0 has only to be supplied externally in case the charge pump is configured to be off. See section 12.2.
4
Video amplifier BW = LOW_BW, VIDEO_GBW_SEL_REG = 0x0.
5
I2C pins SCL and SDA are according to I2C standards
3.4. Temperature sensor characteristics
Parameter
Description
Min
Typ
Max
Unit
TTEMP
Temperature measurement range
-40
+85
ºC
OFFSETTEMP
Temperature sensor offset
-10.1·103
LSB
GAINTEMP
Temperature sensor gain.
The typical measured temperature value of e.g. the left tempera-
ture sensor can be calculated from the value of the sensor output
registers TEMP_SENS_L_MSB and TEMP_SENS_L_LSB as fol-
lows:
T
TEMP_L=
TEMP_L
[12:0]−OFFSET
TEMP
GAIN
TEMP
[ºK]
Note: Values for OFFSETTEMP and GAINTEMP are rough. For abso-
lute measurements or precise relative measurements, calibration
is required.
24
48
96
LSB/ºK
PTS
Resolution of the temperature sensors
13
bits
N
TEMP
Noise
2
4
LSB
LIN
TEMP
Linearity of temperature sensors over the full temperature range
±2
±4
ºK
f
TEMP
Update rate of the temperature sensors (configurable)
0.1
10
Hz
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
7 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com