Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 17 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 17 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 13Page - Espros Photonics corp EPC901 Datasheet HTML 14Page - Espros Photonics corp EPC901 Datasheet HTML 15Page - Espros Photonics corp EPC901 Datasheet HTML 16Page - Espros Photonics corp EPC901 Datasheet HTML 17Page - Espros Photonics corp EPC901 Datasheet HTML 18Page - Espros Photonics corp EPC901 Datasheet HTML 19Page - Espros Photonics corp EPC901 Datasheet HTML 20Page - Espros Photonics corp EPC901 Datasheet HTML 21Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
10. I2C interface
The epc901 supports the following functions by using the I2C interface:
■ Fast I2C (400 kBit/s)
■ 7-bit addressing
■ Slave (epc901 is always the slave)
■ Supported functions are software reset, read, write, read the device address
Clock stretching and other uses of I2C bus are not supported. The register list which can be accessed by the I2C interface are listed in
section 10.3. All registers can be accessed directly except the test mode registers.
10.1. I2C communication
10.1.1. Device addressing
The MSBs of the device address are fixed to '001' internally, the LSBs A3 to A0 can be set by the two ternary input pins CS0 and CS1.
CS0
L
M
H
CS1
L
0000
0001
0011
M
0100
0101
0111
H
1100
1101
1111
The LSB of the device addressing is used to select the communication direction:
0
0
1
A
3
A
2
A
1
A
0
0
Write access
The bus protocol in the following sections uses the following notation:
Symbol
Function
S
START
P
STOP
A
ACK
N
NACK
Shaded
Master
Unshaded
Slave (epc901
10.1.2. Single-byte write
P
Device address
A
S 0 0 1
0
Register address
A
Data
A
10.1.3. Multi-byte write
During a multi-byte write operation the master transmits the device address and the address of the first register to be written. All subse -
quent bytes until STOP are interpreted as write data packets.
Register address
S
P
A
Write data 0
A
Write data 1
A
Write data n
A
A
0 0 1
0
Device address
Registers reside in a non-consecutive address space. Writing to a unused address will fail silently (no error feedback).
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
17 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com