Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC901 Datasheet(PDF) 34 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 34 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 29Page - Espros Photonics corp EPC901 Datasheet HTML 30Page - Espros Photonics corp EPC901 Datasheet HTML 31Page - Espros Photonics corp EPC901 Datasheet HTML 32Page - Espros Photonics corp EPC901 Datasheet HTML 33Page - Espros Photonics corp EPC901 Datasheet HTML 34Page - Espros Photonics corp EPC901 Datasheet HTML 35Page - Espros Photonics corp EPC901 Datasheet HTML 36Page - Espros Photonics corp EPC901 Datasheet HTML 37Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
15. Self-test mode by fill-and-spill
Instead of generating charge in the CCD by photo-electrical conversion, charge can also be generated electrically by the as-called fill-and-
spill circuitry. To use the fill-and-spill circuitry, the IC has to be forced into test mode.
The basic behavior of the IC by the fill-and-spill circuitry is exactly the same as when the IC is illuminated. I.e. also when fill-and-spill is
used, the acquisition is controlled by SHUTTER, the internal flush and shift operation are similar and the signal DATA_RDY is asserted at
the end of the internal shift operation.
If the CCD is stimulated by the fill-and-spill circuitry, the on-chip test controller coordinates the operation of the fill-and-spill circuitry and the
CCD. The following features of fill-and-spill can be controlled:
■ number of electrons that are injected into the CCD per fill-and-spill cycle (pins ANA_TEST_*)
■ number of fill-and-spill cycles per acquisition (register ANA_TEST_CONF)
■ selection of which pixels are stimulated by fill-and-spill (register ANA_TEST_CONF)
The number of electrons that are injected into each pixel of the CCD during each fill-and-spill cycle depends on the voltages VIN and VDC.
The two voltage levels VIN and VDC are provided through the analog test pads ANA_TEST*.
QFILL_SPILL
VIN - VDC
QFILL_SPILL
VIN - VDC
0
< 0
220k
1.56
20k
0.44
240k
1.65
40k
0.60
260k
1.75
60k
0.72
280k
1.85
80k
0.84
300k
1.95
100k
0.95
320k
2.06
120k
1.06
340k
2.17
140k
1.16
360k
2.27
160k
1.27
380k
2.36
180k
1.37
400k
2.54
200k
1.46
-
-
The number of fill-and-spill cycles per acquisition can be configured by NUM_FILL_SPILL_CYC in register ANA_TEST_CONF (see Table
32). The duration of one fill-and-spill cycle is TCYC,FILL_SPILL (see Table 31). In order to allow the full fill-and-spill operation to terminate the
complete fill-and-spill operation, SHUTTER has to remain asserted for at least NUM_FILL_SPILL_CYC * TCYC,FILL_SPILL after the end of the
internal flush operation (see Figure 19).
Flush
Shift
SHUTTER
CCD operation
Fill-and-spill
T
FLUSH
T
SHIFT
> NUM_FILL_SPILL_CYC * T
CYC,FILL_SPILL
DATA_RDY
Figure 19: Timing diagram of a fill-and-spill operation of the CCD
Parameter
Description
Min
Typ
Max
Unit
VIN
Voltage range of fill_spill_vin_packet_AI
1.5
5
V
VDC
Voltage range of fill_spill_vdc_AI
2
V
TCYC,FILL_SPILL
Duration of one fill-and-spill cycle
175
ns
Table 31: Parameters for the fill-and-spill operation
Register bits 3 to 6 of ANA_TEST_CONF are used in fill-and-spill test mode to configure into which pixels charge shall be spilled (see Ta-
ble 32).
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
34 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com