Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 145 page
background image
Rev. 1.20
��
De�e��e� 1�� 201�
Rev. 1.20
�7
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Watchdog Timer
TheWatchdogTimerisprovidedtopreventprogrammalfunctionsorsequencesfromjumpingto
unknownlocations,duetocertainuncontrollableexternaleventssuchaselectricalnoise.
Watchdog Timer Clock Source
TheWatchdogTimerclocksourceisprovidedbytheinternalfSUBclockwhichisinturnsupplied
bytheLIRCoscillator.TheWatchdogTimersourceclockisthensubdividedbyaratioof28to
218togivelongertimeouts,theactualvaluebeingchosenusingtheWS2~WS0bitsintheWDTC
register.TheLIRCinternaloscillatorhasanapproximateperiodof32kHzatasupplyvoltageof5V.
However,itshouldbenotedthatthisspecifiedinternalclockperiodcanvarywithVDD,temperature
andprocessvariations.
Watchdog Timer Control Register
Asingleregister,WDTC,controlstherequiredtimeoutperiodaswellastheenable/disable
operation.TheWDTCregisterisinitiatedto01010011Batanyresetbutkeepsunchangedatthe
WDTtime-outoccurrenceinapowerdownstate.
WDTC Register
Bit
7
6
5
4
3
2
1
0
Na�e
WE�
WE3
WE2
WE1
WE0
WS2
WS1
WS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
0
1
1
Bit7~3
WE4~WE0:WDTfunctionsoftwarecontrol
10101or01010:Enabled
Other:ResetMCU
Whenthesebitsarechangedbytheenvironmentalnoisetoresetthemicrocontroller,
theresetoperationwillbeactivatedafter2~3LIRCclockcyclesandtheWRFbitin
theCTRLregisterwillbesetto1.
Bit2~0
WS2~WS0:WDTTime-outperiodselection
000:28/fSUB
001:210/fSUB
010:212/fSUB
011:214/fSUB
100:215/fSUB
101:216/fSUB
110:217/fSUB
111:218/fSUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com