Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 145 page
background image
Rev. 1.20
1�
De�e��e� 1�� 201�
Rev. 1.20
17
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Over Current Circuit Electrical Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VDD
Condition
IOCP
Ope�ating Cu��ent
3V
OCPEN=1
—
300
500
μA
5V
—
�50
�00
VOS_CMP Co�pa�ato� Input Offset Voltage
5V
Without �ali��ation�
CBOF[5:0]=100000B
-15
—
15
�V
With �ali��ation
-�
—
�
�V
VHYS
Hyste�esis
5V
—
20
�0
�0
�V
VCM_CMP Co�pa�ato� Co��on Mode Voltage Range 5V
—
VSS
—
VDD-1.�
V
VOS_OPA OPA Input Offset Voltage
5V
Without �ali��ation�
AOF[5:0]=100000B
-15
—
15
�V
With �ali��ation
-�
—
�
�V
VCM_OPA OPA Co��on Mode Voltage Range
5V
—
VSS
—
VDD-1.�
V
DNL
Diffe�ential Nonlinea�ity
5V D/A Conve�te� �efe�en�e
voltage=VDD
—
—
±1
LSB
INL
Integ�al Nonlinea�ity
5V D/A Conve�te� �efe�en�e
voltage=VDD
—
—
±2
LSB
Over Voltage Circuit Electrical Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Condition
IOVP
Ope�ating Cu��ent
3V
OVPEN=1
—
300
500
μA
5V
—
�50
�00
VOS
Input Offset Voltage
5V
Without �ali��ation�
CAOF[5:0]=100000B
-15
—
15
�V
With �ali��ation
-�
—
�
�V
VHYS
Hyste�esis
5V
—
20
�0
�0
�V
VCM
Co��on Mode Voltage Range 5V
—
VSS
—
VDD-1.� V
DNL
Diffe�ential Nonlinea�ity
5V D/A Conve�te� �efe�en�e voltage=VDD
—
—
±1
LSB
INL
Integ�al Nonlinea�ity
5V D/A Conve�te� �efe�en�e voltage=VDD
—
—
±2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com