Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 145 page
background image
Rev. 1.20
12
De�e��e� 1�� 201�
Rev. 1.20
13
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Internal Connection Description
Signal Name
Function
OPT
I/T
O/T
Pin-Shared
Mapping
PB�~PB5
Gene�al pu�pose input/output. Registe� ena�led pull-up.
Inte�nally �onne�ted to the level shift inputs �espe�tively. PBPU
ST
CMOS
—
OUTL� OUTH PWM output
Inte�nally �onne�ted to the level shift inputs A and C
TMPC
—
CMOS
PB5� PB�
A� C
Level shift inputs
Inte�nally �onne�ted to PB5/OUTL and PB�/OUTH
�espe�tively
—
—
—
—
ENBF
Level shift ena�le
For HT45FH4MA →Internally connected to PB3/TP1_0
For HT45FH4MA-1 →Floating input
—
—
—
—
Note:I/T:Inputtype;
O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;
AN:analogsignal;
CMOS:CMOSoutput;
ST:SchmittTriggerinput
Level Shift Input/Output Relationship and Reset Condition
Level Shift Output
Level Shift Input
Reset State
A input = Low
A input = High
AX� BX (HT�5FH�MA)
High
Low
Low
AX� BX (HT�5FH�MA-1)
Low
High
High
Level Shift Output
Level Shift Input
Reset State
C input = Low
C input = High
CX� DX
High
Low
Low
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto150˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOLTotal................................................................................................................................... 120mA
IOHTotal..................................................................................................................................-120mA
TotalPowerDissipation......................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com