Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 145 page
background image
Rev. 1.20
18
De�e��e� 1�� 201�
Rev. 1.20
19
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Power on Reset Electrical Characteristics
Ta= 25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Sta�t Voltage to Ensu�e Powe�-on Reset
—
—
—
—
100
�V
RRPOR
VDD Rising Rate to Ensu�e Powe�-on Reset
—
—
0.035
—
—
V/�s
tPOR
Mini�u� Ti�e fo� VDD Stays at VPOR to
Ensu�e Powe�-on Reset
—
—
1
—
—
�s
Ti me
V DD
V PO R
RR PO R
t PO R
System Architecture
Akeyfactorinthehigh-performancefeaturesoftheHoltekrangeofmicrocontrollersisattributed
totheirinternalsystemarchitecture.Thedevicetakesadvantageoftheusualfeaturesfoundwithin
RISCmicrocontrollersprovidingincreasedspeedofoperationandenhancedperformance.The
pipeliningschemeisimplementedinsuchawaythatinstructionfetchingandinstructionexecution
areoverlapped,henceinstructionsareeffectivelyexecutedinonecycle,withtheexceptionofbranch
orcallinstructions.An8-bitwideALUisusedinpracticallyallinstructionsetoperations,which
carriesoutarithmeticoperations,logicoperations,rotation,increment,decrement,branchdecisions,
etc.TheinternaldatapathissimplifiedbymovingdatathroughtheAccumulatorandtheALU.
CertaininternalregistersareimplementedintheDataMemoryandcanbedirectlyorindirectly
addressed.Thesimpleaddressingmethodsoftheseregistersalongwithadditionalarchitectural
featuresensurethataminimumofexternalcomponentsisrequiredtoprovideafunctionalI/Oand
A/Dcontrolsystemwithmaximumreliabilityandflexibility.Thismakesthedevicesuitableforlow-
cost,high-volumeproductionforcontrollerapplications.
Clocking and Pipelining
Themainsystemclock,derivedfromeitheranHIRCorLIRCoscillatorissubdividedintofour
internallygeneratednon-overlappingclocks,T1~T4.TheProgramCounterisincrementedatthe
beginningoftheT1clockduringwhichtimeanewinstructionisfetched.TheremainingT2~T4
clockscarryoutthedecodingandexecutionfunctions.Inthisway,oneT1~T4clockcycleforms
oneinstructioncycle.Althoughthefetchingandexecutionofinstructionstakesplaceinconsecutive
instructioncycles,thepipeliningstructureofthemicrocontrollerensuresthatinstructionsare
effectivelyexecutedinoneinstructioncycle.Theexceptiontothisareinstructionswherethe
contentsoftheProgramCounterarechanged,suchassubroutinecallsorjumps,inwhichcasethe
instructionwilltakeonemoreinstructioncycletoexecute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com