Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
Rev. 1.20
3�
De�e��e� 1�� 201�
Rev. 1.20
35
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Oscillator
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughacombinationofconfigurationoptionsandregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Fullyintegratedinternaloscillators,requiringno
externalcomponents,areprovidedtoformawiderangeofbothfastandslowsystemoscillators.
Thehigherfrequencyoscillatorsprovidehigherperformancebutcarrywithitthedisadvantageof
higherpowerrequirements,whiletheoppositeisofcoursetrueforthelowerfrequencyoscillators.
Withthecapabilityofdynamicallyswitchingbetweenfastandslowsystemclock,thedevicehasthe
flexibilitytooptimizetheperformance/powerratio,afeatureespeciallyimportantinpowersensitive
portableapplications.
Type
Name
Freq.
Inte�nal High Speed RC
HIRC
30MHz
Inte�nal Low Speed RC
LIRC
32kHz
Oscillator Types
System Clock Configurations
Therearetwomethodsofgeneratingthesystemclock,ahighspeedoscillatorandalowspeed
oscillator.Thehighspeedoscillatoristheinternal30MHzRCoscillator.Thelowspeedoscillator
istheinternal32kHz(LIRC)oscillator.Selectingwhethertheloworhighspeedoscillatorisused
asthesystemoscillatorisimplementedusingtheHLCLKbitandCKS2~CKS0bitsintheSMOD
registerandasthesystemclockcanbedynamicallyselected.
Theactualsourceclockusedforthehighspeedandthelowspeedoscillatorsischosenviaacombination
ofconfigurationoptionsandregisters.Thefrequencyoftheslowspeedorhighspeedsystemclockis
alsodeterminedusingtheHLCLKbitandCKS2~CKS0bitsintheSMODregister.Notethattwo
oscillatorselectionsmustbemadenamelyonehighspeedandonelowspeedsystemoscillators.Itisnot
possibletochooseano-oscillatorselectionforeitherthehighorlowspeedoscillator.
High Speed
Os�illato�
HIRC
LIRC
Low Speed
Os�illato�
fH
�-stage P�es�ale�
HLCLK�
CKS2~CKS0 �its
fH/2
fH/�
fH/8
fH/1�
fH/32
fH/��
fSUB
fSYS
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com