Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 145 page
background image
Rev. 1.20
8
De�e��e� 1�� 201�
Rev. 1.20
9
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Selection Table
MostfeaturesarecommontoalldevicesandthemainfeaturesdistinguishingthemaretheI/Opin
countandLevelShiftoutputpins.Thefollowingtablesummarisesthemainfeaturesofeachdevice.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM I/O
Ext.
Interrupt
A/D
Timer
Module
LDO
Level Shift
Output Pins Stacks Package
HT�5F�MA
2.55V~
5.5V
2K×1�
128×8
��×8
1�
2
12-�it×8
1�-�it STM×1
10-�it PTM×1
—
—
�
1�NSOP
20SSOP
HT�5FH�MA
2.55V~
5.5V
2K×1�
128×8
��×8
13
2
12-�it×8
1�-�it STM×1
10-�it PTM×1
√
AX/BX
CX/DX
�
20SSOP
HT�5FH�MA-1
2.55V~
5.5V
2K×1�
128×8
��×8
13
2
12-�it×8
1�-�it STM×1
10-�it PTM×1
√
AX/BX
CX/DX
�
20SSOP
Block Diagram
Flash/EEPROM
Programming
Circuitry
Watchdog
Timer
8-bit
RISC
MCU
Core
Internal
Reset Circuit
Interrupt
Controller
12-Bit A/D
Converter
Internal RC
Oscillator
EEPROM
Data
Memory
Flash
Program
Memory
RAM Data
Memory
OVP
Low Voltage
Detect
I/O
Timer
Modules
Time Base
OCP
Stack
Low Voltage
Reset
LDO
Level
Shift
(HT45FH4MA/
HT45FH4MA-1 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com