Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 145 page
background image
Rev. 1.20
1�
De�e��e� 1�� 201�
Rev. 1.20
17
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
LDO Regulator Electrical Characteristics
CLOAD=1μF, Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
VIN
Input Voltage
—
—
�
—
28
V
VOUT
Output Voltage
—
Ta=25˚C,
ILOAD=1�A� VIN=VOUT + 1V
Typ.-2%
5
Typ.+2%
V
—
-40˚C ≤ Ta < 85˚C,
ILOAD=1�A� VIN=VOUT + 1V
Typ.-5%
5
Typ.+5%
V
ΔVLOAD
Load Regulation (Note 1)
—
1�A ≤ ILOAD ≤ 30�A
VIN=VOUT+1V
—
0.09
0.18
%/�A
VDROP
D�opout Voltage (Note 2)
—
ΔVOUT=2%� ILOAD=1�A
VIN=VOUT+2V
—
—
100
�V
IQ
Quies�ent Cu��ent
—
No load� VIN=12V
—
2
�
μA
ΔVLINE
Line Regulation
—
�V ≤ VIN ≤ 28V� ILOAD=1�A
—
—
0.2
%/V
TC
Temperature Coefficient
—
-40˚C ≤ Ta < 85˚C,
VIN=VOUT + 1V� ILOAD=10�A
—
±0.9
±2
mV/˚C
Note:1.Loadregulationismeasuredataconstantjunctiontemperature,usingpulsetestingwithalowONtime
andisguaranteeduptothemaximumpowerdissipation.Powerdissipationisdeterminedbytheinput/
outputdifferentialvoltageandtheoutputcurrent.Guaranteedmaximumpowerdissipationwillnotbe
availableoverthefullinput/outputrange.Themaximumallowablepowerdissipationatanyambient
temperatureisPD=(TJ(MAX)-Ta)/θJA.
2.Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+2V.
Level Converter Electrical Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
ISOURCE
Output Sou��e Cu��ent of AX� BX� AX� BX�
CX� DX
—
VCC=12V� VOH=10.�V
-�0
-90
—
�A
ISINK
Output Sink Cu��ent of AX� BX� AX� BX�
CX� DX
—
VCC=12V� VOL=1.�V
�0
90
—
�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com