Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 145 page
background image
Rev. 1.20
�2
De�e��e� 1�� 201�
Rev. 1.20
�3
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Standard Type TM – STM
TheStandardTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheStandardTM
canalsobecontrolledwithanexternalinputpinandcandrivetwoexternaloutputpins.Thesetwo
externaloutputpinscanbethesamesignalortheinversesignal.
Name
TM No.
TM Input Pin
TM Output Pin
1�-�it STM
0
TCK0
TP0_0� TP0_1
CCRP
CCRA
Tn CC LR
Co mp ar at or P M at ch
Co mp ar at or A Ma tc h
Tn CK 2~ Tn CK 0
Tn ON
Tn PAU
b8~ b15
8 - bi t Co m par at or P
16 -b it
Co mp ar at or A
Co unt er C le ar
16- bi t Co unt -u p Co unt er
Tn PF I nt e rru pt
Tn AF I nt e rru pt
TP n Pi n
I npu t/ Ou tp u t
b0 ~b 15
E dge
De te ct or
Tn IO 1, T nI O0
Tn M1 , Tn M0
Tn IO 1, T nI O0
Tn PO L
Tn OC
Po la ri ty
Co nt ro l
Ou tp u t
Co nt ro l
TP n_0
TP n_1
TC Kn
11 1
00 0
00 1
01 0
01 1
10 0
10 1
11 0
f SYS /4
f SYS
f H /1 6
f H /6 4
f TB C
f TB C
0
1
Standard Type TM Block Diagram (n=0)
Standard TM Operation
Atitscoreisa16-bitcount-upcounterwhichisdrivenbyauserselectableinternalorexternalclock
source.Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparator
P.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.The
CCRPis8-bitswidewhosevalueiscomparedwiththehighest8bitsinthecounterwhiletheCCRA
isthe16bitsandthereforecompareswithallcounterbits.
Theonlywayofchangingthevalueofthe16-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheT0ONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheStandard
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.
Standard Type TM Register Description
OveralloperationoftheStandardTMiscontrolledusingsevenregisters.Areadonlyregisterpair
existstostoretheinternalcounter16-bitvalue,whilearead/writeregisterpairexiststostorethe
internal16-bitCCRAvalue.Theremainingtworegistersarecontrolregisterswhichsetupthe
differentoperatingandcontrolmodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com