Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
Rev. 1.20
12
De�e��e� 1�� 201�
Rev. 1.20
13
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
D.C. Characteristics
Ta=25˚C
Symbol Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage (HIRC)
fSYS=fHIRC/�=7.5MHz
2.55
5.5
V
fSYS=fHIRC/2=15MHz
�.5
5.5
Ope�ating Voltage (LIRC)
— fSYS=fLIRC=32kHz
2.55
5.5
IDD
Ope�ating Cu��ent (HIRC)
3V fSYS=7.5MHz� No load�
All pe�iphe�als off
2.�
3.�
�A
5V
5.�
8.1
�.5V fSYS=15MHz� No load�
All pe�iphe�als off
5.0
7.5
�A
5V
�.0
9.0
Ope�ating Cu��ent (LIRC)
3V fSYS=32kHz� No load�
All pe�iphe�als off
�0
�0
μA
5V
�0
90
ISTB
Stand�y Cu��ent (IDLE0 Mode)
3V
No load� All pe�iphe�als off
1.3
3.0
μA
5V
2.2
5.0
Stand�y Cu��ent (IDLE1 Mode)
�.5V fHIRC=30MHz� No load�
All pe�iphe�als off
�.0
�.0
�A
5V
�.�
�.9
Stand�y Cu��ent (SLEEP Mode)
3V
No load� All pe�iphe�als off
1.3
3.0
μA
5V
2.2
5.0
VIH
Input High Voltage (I/O Po�ts)
5V
3.5
VDD
V
0.8VDD
VDD
V
VIL
Input Low Voltage (I/O Po�ts)
5V
0
1.5
V
0
0.2VDD
V
VOH
Output High Voltage
(PA� PB0~PB3� PB�� PB7)
3V IOH=-2.��A
2.7
V
5V IOH=-��A
�.5
Output High Voltage
(PB�� PB5)
3V IOH=-1��A
2.7
V
5V IOH=-�0�A
�.5
VOL
Output Low Voltage
(PA� PB0~PB3� PB�� PB7)
3V IOL=�.��A
0.3
V
5V IOL=1��A
0.5
Output Low Voltage
(PB�� PB5)
3V IOL=1��A
0.3
V
5V IOL=�0�A
0.5
IOH
I/O Po�t Sou��e Cu��ent
(PA� PB0~PB3� PB�� PB7)
3V
VOH=0.9VDD
-2.�
-�.8
�A
5V
-�
-12
I/O Po�t Sou��e Cu��ent
(PB�� PB5)
3V
VOH=0.9VDD
-1�
-32
�A
5V
-�0
-80
IOL
I/O Po�t Sink Cu��ent
(PA� PB0~PB3� PB�� PB7)
3V
VOL=0.1VDD
�.�
12.8
�A
5V
1�
32
I/O Po�t Sink Cu��ent
(PB�� PB5)
3V
VOL=0.1VDD
1�
32
�A
5V
�0
80
ILEAK
Input Leakage �u��ent
5V VIN=VDD o� VIN=VSS
±1
μA
RPH
Pull-high Resistan�e of I/O Po�ts
3V
20
�0
100
5V
10
30
50
VDR
RAM Data Retention Voltage
1.0
V
IDDP
Supply Cu��ent Du�ing P�og�a��ing
10
�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com