Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 145 page
background image
Rev. 1.20
1�
De�e��e� 1�� 201�
Rev. 1.20
15
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
A.C. Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
fSYS
Syste� Clo�k
2.55V~5.5V fSYS=fHIRC/�
—
—
7.5
MHz
�.5V~5.5V fSYS=fHIRC/2
—
—
15
2.55V~5.5V fSYS=fLIRC
—
—
32
kHz
fHIRC
High Speed Inte�nal RC Os�illato�
(HIRC)
5V
Ta=25°C
Typ.-2%
30
Typ.+2%
MHz
�.0V~5.5V Ta=-10°C to 85°C
Typ.-5%
30
Typ.+5%
3.�V~5.5V Ta=-�0°C to 85°C
Typ.-10%
30
Typ.+10%
fLIRC
Low Speed Inte�nal RC Os�illato�
(LIRC)
5V
Ta=25°C
Typ.-10%
32
Typ.+10%
kHz
5V
Ta=-�0°C to 85°C
Typ.-30%
32
Typ.+30%
2.55V~5.5V Ta=-�0°C to 85°C
Typ.-50%
32
Typ.+�0%
tSRESET
Mini�u� Softwa�e Reset Width to
Reset
—
—
�5
90
120
μs
tRSTD
Syste� Reset Delay Ti�e (POR
Reset� LVR Ha�dwa�e Reset� LVR
Softwa�e Reset� WDT Softwa�e Reset)
—
—
25
50
100
�s
Syste� Reset Delay Ti�e
(WDT Ti�e-out Ha�dwa�e Cold Reset)
—
—
8.3
1�.7
33.3
�s
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(fSYS = fHIRC/�)
—
Wake-up f�o� SLEEP
�ode o� IDLE0 �ode
1�
—
—
1/fSYS
—
Wake-up f�o� IDLE1
�ode
2
—
—
1/fSYS
Syste� Sta�t-up Ti�e� Pe�iod
(fSYS = fLIRC)
—
Wake-up f�o� IDLE
�ode o� SLEEP �ode
2
—
—
1/fSYS
tINT
Exte�nal Inte��upt Mini�u� Pulse
Width
—
—
10
—
—
μs
tTCK
TM TCK Input Pin Mini�u� Pulse
Width
—
—
0.3
—
—
μs
tEERD
EEPROM Read Ti�e
—
—
—
—
�
tSYS
tEEWR
EEPROM W�ite Ti�e
—
—
—
2
�
�s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com