Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 105 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 105 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 109Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 145 page
background image
Rev. 1.20
10�
De�e��e� 1�� 201�
Rev. 1.20
105
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
CPR Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
DTPSC1 DTPSC0
DT2
DT1
DT0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas"0"
Bit4~3
DTPSC1~DTPSC0:deadtimeprescalerdivisionratioselect
00:fD=fH/1
01:fD=fH/2
10:fD=fH/4
11:fD=fH/8
Bit2~0
DT2~DT0:deadtimeselect
000:Deadtimeis[(1/fD)-(1/fH)]~(1/fD)
001:Deadtimeis[(2/fD)-(1/fH)]~(2/fD)
010:Deadtimeis[(3/fD)-(1/fH)]~(3/fD)
011:Deadtimeis[(4/fD)-(1/fH)]~(4/fD)
100:Deadtimeis[(5/fD)-(1/fH)]~(5/fD)
101:Deadtimeis[(6/fD)-(1/fH)]~(6/fD)
110:Deadtimeis[(7/fD)-(1/fH)]~(7/fD)
111:Deadtimeis[(8/fD)-(1/fH)]~(8/fD)
Over Current and Voltage Protection
Thedeviceincludesanovervoltageandovercurrentprotectionfunctionwhichprovidesa
protectionmechanismforthebatterychargeanddischargeapplications.
• OVPprotection
Topreventtheoutputvoltagefromexceeding5.4V,theOVPinputvoltageiscomparedwitha
referencevoltagegeneratedbya6-bitD/Aconverter.The6-bitD/Aconverterpowerissupplied
bytheexternalpowerpinnamedDAPWR.OncetheOVPinputvoltageisgreaterthanthe
referencevoltage,itwillforcetheOUTHandOUTLsignalsinactive,i.e.,theOUTHsignalwill
beforcedintoahighstateandtheOUTLsignalwillbeforcedintoalowstatebeforethepolarity
control,toturntheexternalMOSoffforovervoltageprotection.
• OCPprotection
Topreventthepossibilityoflargebatterycurrents,theOCPinputvoltagefromthebatterysense
resistoriscomparedwithareferencevoltagegeneratedbyan8-bitD/Aconverter.The8-bitD/
AconverterpowerissuppliedbytheexternalpowerpinnamedDAPWR.OncetheOCPinput
voltageisgreaterthanthereferencevoltage,itwillforcetheOUTHandOUTLsignalsinactive,
i.e.,theOUTHsignalwillbeforcedintoahighstateandtheOUTLsignalwillbeforcedintoa
lowstatebeforethepolaritycontrol,toturntheexternalMOSoffforovercurrentprotection.
TheOUTHandOUTLsignalscanbeforcedtoaninactivestatewheneitheranovervoltageoran
overcurrenteventoccurs.Ifanovervoltageoranovercurrenteventoccurs,thecorresponding
interruptwillbegenerated.Oncetheovervoltageorovercurrentconditionhasdisappeared,the
OUTHandOUTLsignalswillrecovertodrivethePWMoutput.
Theoperationalamplifierintheovercurrentprotectioncircuitrycanbeconfiguredinaninvertingor
non-invertingOPAconfigurationtosensethebatterycurrentwhenthebatteryisundergoingacharge
ordischargeoperation.ItisrecommendedthattheOPAshouldbeinanon-invertingmodeduringa
chargeoperationandinaninvertingmodeduringadischargeoperation.
MoreinformationfortheOUTHandOUTLsignalpolarityandoutputcontrolisdescribedinthe
TMPCregister.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com