Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4MA Datasheet(PDF) 119 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 119 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 123Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 145 page
background image
Rev. 1.20
118
De�e��e� 1�� 201�
Rev. 1.20
119
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Ifaninterruptrequiresimmediateservicingwhiletheprogramisalreadyinanotherinterruptservice
routine,theEMIbitshouldbesetafterenteringtheroutine,toallowinterruptnesting.Ifthestack
isfull,theinterruptrequestwillnotbeacknowledged,eveniftherelatedinterruptisenabled,until
theStackPointerisdecremented.Ifimmediateserviceisdesired,thestackmustbepreventedfrom
becomingfull.Incaseofsimultaneousrequests,theaccompanyingdiagramshowstheprioritythat
isapplied.Alloftheinterruptrequestflagswhensetwillwake-upthedeviceifitisinSLEEPor
IDLEMode,howevertopreventawake-upfromoccurringthecorrespondingflagshouldbeset
beforethedeviceisinSLEEPorIDLEMode.
04H
08H
14H
18H
20H
1CH
24H
Request
Flags
Enable
Bits
EMI auto disabled in ISR
Interrupts contained within
Multi-Function Interrupts
Interrupt
Name
xxF
Legend
Request Flag – no auto reset in ISR
xxF Request Flag –auto reset in ISR
xxE Enable Bit
xxF
Legend
–
xxF
xxE
EMI
28H
LVF
LVD
LVE
DEF
EEPROM
DEE
EMI
EMI
EMI
EMI
EMI
EMI
EMI
T1AF
TM1 A
T1AE
T1PF
TM1 P
T1PE
T0AF
TM0 A
T0AE
T0PF
TM0 P
T0PE
OVPF
Over Voltage
Protection
OVPE
OCPF
Over Current
Protection
OCPE
ADF
A/D
ADE
EMI
EMI
INT0F
INT0 Pin
INT0E
0CH
10H
Low
Priority
High
Vector
Request
Flags
Enable
Bits
Master
Enable
Interrupt
Name
MF0F
M.Funct. 0
MF0E
MF1F
M.Funct. 1
MF1E
MF2F
M.Funct. 2
MF2E
TB0F
Time Base 0
TB0E
TB1F
Time Base 1
TB1E
INT1F
INT1 Pin
INT1E
Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com