Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Rev. 1.11
46
April 11, 2017
Rev. 1.11
47
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Input/Output Ports
HoltekmicrocontrollersofferconsiderableflexibilityontheirI/Oports.Withtheinputoroutput
designationofeverypinfullyunderuserprogramcontrol,pull-highselectionsforallportsand
wake-upselectionsoncertainpins,theuserisprovidedwithanI/Ostructuretomeettheneedsofa
widerangeofapplicationpossibilities.
Thedeviceprovideabidirectionalinput/outputlineslabeledwithportnamePA.TheseI/Oports
aremappedtotheRAMDataMemorywithspecificaddressesasshownintheSpecialPurpose
DataMemorytable.AlloftheseI/Oportscanbeusedforinputandoutputoperations.Forinput
operation,theseportsarenon-latching,whichmeanstheinputsmustbereadyattheT2risingedge
ofinstruction“MOVA,[m]”,wheremdenotestheportaddress.Foroutputoperation,allthedatais
latchedandremainsunchangeduntiltheoutputlatchisrewritten.
Register
Name
Bit
7
6
5
4
3
2
1
0
PA
PA7
PA6
PA5
—
—
PA2
PA1
PA0
PAC
PAC7
PAC6
PAC5
—
—
PAC2
PAC1
PAC0
PAPU
PAPU7
PAPU6
PAPU5
—
—
PAPU2
PAPU1
PAPU0
PAWU
PAWU7
PAWU6
PAWU5
—
—
PAWU2
PAWU1
PAWU0
I/O Registers List
“—”:Unimplemented,readas“0”.
PAn:PortADatabit
0:Data0
1:Data1
PACn:PortAPintypeselection
0:Output
1:Input
PAPUn:PortAPinpull-highfunctioncontrol
0:Disable
1:Enable
PAWUn:PortAPinwake-upfunctioncontrol
0:Disable
1:Enable
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.These
pull-highresistorsareselectedusingtherelevantpull-highcontrolregistersandareimplemented
usingweakPMOStransistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com