Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
Rev. 1.11
76
April 11, 2017
Rev. 1.11
77
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Instruction Set Summary
Thefollowingtabledepictsasummaryoftheinstructionsetcategorisedaccordingtofunctionand
canbeconsultedasabasicinstructionreferenceusingthefollowinglistedconventions.
Table Conventions
x:Bitsimmediatedata
m:DataMemoryaddress
A:Accumulator
i:0~7numberofbits
addr:Programmemoryaddress
Mnemonic
Description
Cycles
Flag Affected
Arithmetic
ADD A,[m]
Add Data Memory to ACC
1
Z, C, AC, OV
ADDM A,[m]
Add ACC to Data Memory
1Note
Z, C, AC, OV
ADD A,x
Add immediate data to ACC
1
Z, C, AC, OV
ADC A,[m]
Add Data Memory to ACC with Carry
1
Z, C, AC, OV
ADCM A,[m]
Add ACC to Data memory with Carry
1Note
Z, C, AC, OV
SUB A,x
Subtract immediate data from the ACC
1
Z, C, AC, OV
SUB A,[m]
Subtract Data Memory from ACC
1
Z, C, AC, OV
SUBM A,[m]
Subtract Data Memory from ACC with result in Data Memory
1Note
Z, C, AC, OV
SBC A,[m]
Subtract Data Memory from ACC with Carry
1
Z, C, AC, OV
SBCM A,[m]
Subtract Data Memory from ACC with Carry, result in Data Memory
1Note
Z, C, AC, OV
DAA [m]
Decimal adjust ACC for Addition with result in Data Memory
1Note
C
Logic Operation
AND A,[m]
Logical AND Data Memory to ACC
1
Z
OR A,[m]
Logical OR Data Memory to ACC
1
Z
XOR A,[m]
Logical XOR Data Memory to ACC
1
Z
ANDM A,[m]
Logical AND ACC to Data Memory
1Note
Z
ORM A,[m]
Logical OR ACC to Data Memory
1Note
Z
XORM A,[m]
Logical XOR ACC to Data Memory
1Note
Z
AND A,x
Logical AND immediate Data to ACC
1
Z
OR A,x
Logical OR immediate Data to ACC
1
Z
XOR A,x
Logical XOR immediate Data to ACC
1
Z
CPL [m]
Complement Data Memory
1Note
Z
CPLA [m]
Complement Data Memory with result in ACC
1
Z
Increment & Decrement
INCA [m]
Increment Data Memory with result in ACC
1
Z
INC [m]
Increment Data Memory
1Note
Z
DECA [m]
Decrement Data Memory with result in ACC
1
Z
DEC [m]
Decrement Data Memory
1Note
Z
Rotate
RRA [m]
Rotate Data Memory right with result in ACC
1
None
RR [m]
Rotate Data Memory right
1Note
None
RRCA [m]
Rotate Data Memory right through Carry with result in ACC
1
C
RRC [m]
Rotate Data Memory right through Carry
1Note
C
RLA [m]
Rotate Data Memory left with result in ACC
1
None
RL [m]
Rotate Data Memory left
1Note
None
RLCA [m]
Rotate Data Memory left through Carry with result in ACC
1
C
RLC [m]
Rotate Data Memory left through Carry
1Note
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com