Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
Rev. 1.11
52
April 11, 2017
Rev. 1.11
53
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Compact TM Operation
TheCompactTMcoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalor
externalclocksource.Therearealsotwointernalcomparatorswiththenames,ComparatorAand
ComparatorP.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRA
registers.TheCCRPisthree-bitwidewhosevalueiscomparedwiththehighestthreebitsinthe
counterwhiletheCCRAisten-bitwideandthereforecompareswithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheCTONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheCompact
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.
Compact Type TM Register Description
OveralloperationoftheCompactTMiscontrolledusingaseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter16-bitvalue,whilearead/writeregisterpairexiststostore
theinternal10-bitCCRAvalue.Theremainingtworegistersarecontrolregisterswhichsetupthe
differentoperatingandcontrolmodesandaswellasthethreeCCRPbits.
Register
Name
Bit
7
6
5
4
3
2
1
0
CTMC0
CTPAU
CTCK2
CTCK1
CTCK0
CTON
CTRP2
CTRP1
CTRP0
CTMC1
CTM1
CTM0
CTIO1
CTIO0
CTOC
CTPOL
CTDPX CTCCLR
CTMDL
D7
D6
D5
D4
D3
D2
D1
D0
CTMDH
—
—
—
—
—
—
D9
D8
CTMAL
D7
D6
D5
D4
D3
D2
D1
D0
CTMAH
—
—
—
—
—
—
D9
D8
10-bit Compact TM Registers List
CTMDL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
CTMCounterLowByteRegisterbit7~bit0
CTM10-bitCounterbit7~bit0
CTMDH Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R
R
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas“0”
Bit1~0
CTMCounterHighByteRegisterbit1~bit0
CTM10-bitCounterbit9~bit8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com