Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
Rev. 1.11
68
April 11, 2017
Rev. 1.11
69
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
INTC1 Register
Bit
7
6
5
4
3
2
1
0
Name
TB1F
DEF
CTMAF
CTMPF
TB1E
DEE
CTMAE
CTMPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
TB1F:TimeBase1interruptrequestflag
0:Norequest
1:Interruptrequest
Bit6
DEF:DataEEPROMInterruptrequestflag
0:Norequest
1:Interruptrequest
Bit5
CTMAF:CTMComparatorAmatchInterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4
CTMPF:CTMComparatorPmatchInterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3
TB1E:TimeBase1interruptcontrol
0:Disable
1:Enable
Bit2
DEE:DataEEPROMInterruptcontrol
0:disable
1:enable
Bit1
CTMAE:CTMComparatorAmatchInterruptcontrol
0:Disable
1:Enable
Bit0
CTMPE:CTMComparatorPmatchInterruptcontrol
0:Disable
1:Enable
Interrupt Operation
Whentheconditionsforaninterrupteventoccur,suchasaTMComparatorPorComparatorAor
Comparatoroutputtransition,etc,therelevantinterruptrequestflagwillbeset.Whethertherequest
flagactuallygeneratesaprogramjumptotherelevantinterruptvectorisdeterminedbythecondition
oftheinterruptenablebit.Iftheenablebitissethighthentheprogramwilljumptoitsrelevant
vector;iftheenablebitiszerothenalthoughtheinterruptrequestflagissetanactualinterruptwill
notbegeneratedandtheprogramwillnotjumptotherelevantinterruptvector.Theglobalinterrupt
enablebit,ifclearedtozero,willdisableallinterrupts.
Whenaninterruptisgenerated,theProgramCounter,whichstorestheaddressofthenextinstruction
tobeexecuted,willbetransferredontothestack.TheProgramCounterwillthenbeloadedwitha
newaddresswhichwillbethevalueofthecorrespondinginterruptvector.Themicrocontrollerwill
thenfetchitsnextinstructionfromthisinterruptvector.Theinstructionatthisvectorwillusually
beaJMPwhichwilljumptoanothersectionofprogramwhichisknownastheinterruptservice
routine.Hereislocatedthecodetocontroltheappropriateinterrupt.Theinterruptserviceroutine
mustbeterminatedwithaRETI,whichretrievestheoriginalProgramCounteraddressfromthe
stackandallowsthemicrocontrollertocontinuewithnormalexecutionatthepointwherethe
interruptoccurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com