Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT45F56 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
Rev. 1.11
4
April 11, 2017
Rev. 1.11
5
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Features
CPU Features
• OperatingVoltage:fSYS=8MHz:2.2V~5.5V
• Upto0.5μsinstructioncyclewith8MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• OscillatorTypes
♦
InternalHighSpeedRC–HIRC
♦
Internal32kHzRC–LIRC
• Fullyintegratedinternal8MHzoscillatorrequiresnoexternalcomponents
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedinonetothreeinstructioncycles
• Tablereadinstructions
• 63powerfulinstructions
• 2-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• ProgramMemory:1K×14
• DataMemory:32×8
• TrueEEPROMMemory:32×8
• WatchdogTimerfunction
• 6bidirectionalI/Olines
• MultipleTimerModulesfortimemeasure,inputcapture,comparematchoutput,PWMoutput
functionorsinglepulseoutputfunction
• Onecomparatorwithhysteresiscontrolandinterruptgeneration
• Oneoperationalamplifierwithgaincontrol
• One6-bitD/Aconverter
• Debouncecircuitforcomparatoroutputwithinterruptgeneration
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• Lowvoltageresetfunction
• Flashprogrammemorycanbere-programmedupto100,000times
• Flashprogrammemorydataretention>10years
• TrueEEPROMdatamemorycanbere-programmedupto1,000,000times
• TrueEEPROMdatamemorydataretention>10years
• Packagetypes:8-pinSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com