Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
Rev. 1.11
72
April 11, 2017
Rev. 1.11
73
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
TBC Register
Bit
7
6
5
4
3
2
1
0
Name
TBON
TBCK
TB11
TB10
—
TB02
TB01
TB00
R/W
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
POR
0
0
1
1
—
1
1
1
Bit7
TBON:TimeBaseFunctionEnableControl
0:Disable
1:Enable
Bit6
TBCK:TimeBaseclocksourcefTBselection
0:fTBC
1:fSYS/4
Bit5~4
TB11~TB10:TimeBase1time-outperiodselection
00:212/fTB
01:213/fTB
10:214/fTB
11:215/fTB
Bit3
Uimplemented,readas“0”
Bit2~0
TB02~TB00:TimeBase0time-outperiodselection
000:28/fTB
001:29/fTB
010:210/fTB
011:211/fTB
100:212/fTB
101:213/fTB
110:214/fTB
111:215/fTB
EEPROM Interrupt
TheEEPROMWriteInterruptiscontrolledbytheEEPROMWriteoperationcompletion.An
EEPROMWriteInterruptrequestwilltakeplacewhentheEEPROMWriteInterruptrequestflag,
DEF,isset,whichoccurswhenanEEPROMWritecycleends.Toallowtheprogramtobranchto
itsrespectiveinterruptvectoraddress,theglobalinterruptenablebit,EMI,andEEPROMWrite
Interruptenablebit,DEE,mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandan
EEPROMWritecycleends,asubroutinecalltotherespectiveEEPROMWriteInterruptvectorwill
takeplace.WhentheEEPROMWriteInterruptisserviced,theComparatorInterruptflag,DEF,will
beautomaticallycleared.TheEMIbitwillalsobeautomaticallyclearedtodisableotherinterrupts.
TM Interrupts
TheCompactTMshavetwointerrupts,onecomesfromthecomparatorAmatchsituationandthe
othercomesfromthecomparatorPmatchsituation.ATMinterruptrequestwilltakeplacewhen
anyoftheTMrequestflagsareset,asituationwhichoccurswhenaTMcomparatorPorAmatch
situationhappens.
Toallowtheprogramtobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenable
bit,EMI,andrespectiveTMInterruptenablebit,mustfirstbeset.Whentheinterruptisenabled,the
stackisnotfullandaTMcomparatormatchsituationoccurs,asubroutinecalltotherelevantCTM
Interruptvectorlocations,willtakeplace.WhentheTMinterruptisserviced,thecorresponding
CTMinterruptrequestflagwillbeautomaticallycleared.TheEMIbitwillalsobeautomatically
clearedtodisableotherinterrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com