Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Rev. 1.11
38
April 11, 2017
Rev. 1.11
39
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
SMOD1 Register
Bit
7
6
5
4
3
2
1
0
Name
FSYSON
—
—
—
RSTF
LVRF
—
WRF
R/W
R/W
—
—
—
R/W
R/W
—
R/W
POR
0
—
—
—
0
x
—
0
“x”: unknown
Bit7
FSYSON:fSYScontrolinIDLEmode
Describedelsewhere.
Bit6~4
Unimplemented,readas“0”
Bit3
RSTF:Resetcontrolregistersoftwareresetflag
Describedelsewhere.
Bit2
LVRF:LVRfunctionresetflag
Describedelsewhere.
Bit1
Unimplemented,readas“0”
Bit0
WRF:WDTcontrolregistersoftwareresetflag
0:Notoccurred
1:Occurred
Thisbitissetto1bytheWDTcontrolregistersoftwareresetandclearedbythe
applicationprogram.Notethatthisbitcanonlybeclearedto0bytheapplicationprogram.
Watchdog Timer Operation
TheWatchdogTimeroperatesbyprovidingadeviceresetwhenitstimeroverflows.Thismeans
thatintheapplicationprogramandduringnormaloperationtheuserhastostrategicallyclearthe
WatchdogTimerbeforeitoverflowstopreventtheWatchdogTimerfromexecutingareset.Thisis
doneusingtheclearwatchdoginstruction.Iftheprogrammalfunctionsforwhateverreason,jumps
toanunknownlocation,orentersanendlessloop,theclearinstructionwillnotbeexecutedinthe
correctmanner,inwhichcasetheWatchdogTimerwilloverflowandresetthedevice.Withregardto
theWatchdogTimerenable/disablefunction,therearefivebits,WE4~WE0,intheWDTCregister
tooffertheenable/disablecontrolandresetcontroloftheWatchdogTimer.TheWDTfunctionwill
bedisabledwhentheWE4~WE0bitsaresettoavalueof10101BwhiletheWDTfunctionwill
beenablediftheWE4~WE0bitsareequalto01010B.IftheWE4~WE0bitsaresettoanyother
values,otherthan01010Band10101B,itwillresetthedeviceafter2~3fLIRC
clockcycles.After
poweronthesebitswillhaveavalueof01010B.
WE4 ~ WE0 Bits
WDT Function
10101B
Disable
01010B
Enable
Any other value
Reset MCU
Watchdog Timer Enable/Disable Control
Undernormalprogramoperation,aWatchdogTimertime-outwillinitialiseadeviceresetandset
thestatusbitTO.However,ifthesystemisintheSLEEPorIDLEMode,whenaWatchdogTimer
time-outoccurs,theTObitinthestatusregisterwillbesetandonlytheProgramCounterandStack
Pointerwillbereset.FourmethodscanbeadoptedtoclearthecontentsoftheWatchdogTimer.
ThefirstisaWDTreset,whichmeansacertainvalueexcept01010Band10101Bwrittenintothe
WE4~WE0field,thesecondisusingtheWatchdogTimersoftwareclearinstruction,thethirdis
usingaHALTinstructionandthefourthisanexternalhardwarereset.
ThereisonlyonemethodofusingsoftwareinstructiontocleartheWatchdogTimer.Thatistouse
thesingle“CLRWDT”instructiontocleartheWDTcontents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com