Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
Rev. 1.11
8
April 11, 2017
Rev. 1.11
9
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH
Input High Voltage for I/O Ports or
Input Pins except RES pin
5V
─
3.5
─
5.0
V
─
─
0.8VDD
─
VDD
V
Input High Voltage for RES pin
─
─
0.9VDD
─
VDD
V
IOL
Sink Current for I/O Port
3V
VOL = 0.1VDD
8
16
─
mA
5V
16
32
─
mA
IOH
Source Current for I/O Port
3V
VOH = 0.9VDD
-4.0
-8.0
─
mA
5V
-8.0
-16.0
─
mA
RPH
Pull-high Resistance for I/O Ports
3V
─
20
60
100
kΩ
5V
─
10
30
50
kΩ
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
fSYS
System Clock (HIRC)
2.2~5.5V fSYS=fHIRC=8MHz
─
8
─
MHz
System Clock (LIRC)
2.2~5.5V fSYS=fLIRC=32kHz
─
32
─
kHz
fHIRC
High Speed Internal RC Oscillator
(HIRC)
3V/5V
Ta=25°C
-2%
8
+2%
MHz
3V/5V
Ta=0°C ~ 70°C
-5%
8
+5%
MHz
2.2V~5.5V Ta=0°C ~ 70°C
-8%
8
+8%
MHz
2.2V~5.5V Ta= -40°C to 85°C
-12%
8
+12% MHz
fLIRC
Low Speed Internal RC Oscillator
(LIRC)
2.2V~5.5V Ta= -40°C to 85°C
4
32
80
kHz
tTCK
CTCK pin Minimum Input Pulse
Width
─
─
0.3
─
─
μs
tRES
External Reset Minimum Input Pulse
Width
─
─
10
─
─
μs
tSST
System Start-up Timer Period
(Wake-up from Power Down Mode
and fSYS off)
─
fSYS=fH=fHIRC
16
─
─
tHIRC
─
fSYS=fSUB=fLIRC
2
─
─
tLIRC
System Start-up Timer Period
(Wake-up from Power Down Mode
and fSYS on)
─
fSYS=fH=fHIRC
2
─
─
tH
─
fSYS=fSUB=fLIRC
2
─
─
tSUB
tRSTD
System Reset Delay Time
(Power-on Reset, LVR Hardware
Reset, WDTC/RSTC Software Reset)
─
─
25
50
150
ms
System Reset Delay Time
(RES Reset / WDT Hardware Reset)
─
─
8.3
16.7
50
ms
tEERD
EEPROM Read Time
─
─
─
─
4
tSYS
tEEWR
EEPROM Write Time
─
─
─
3
6
ms
Note:1.tSYS=1/fSYS.
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com