Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
Rev. 1.11
30
April 11, 2017
Rev. 1.11
31
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
SLOW Mode
Thisisalsoamodewherethemicrocontrolleroperatesnormallyalthoughnowwithaslowerspeed
clocksource.TheclocksourceusedwillbefromfSUB.ThefSUBclockisderivedfromtheLIRC
oscillator.Runningthemicrocontrollerinthismodeallowsittorunwithmuchloweroperating
currents.IntheSLOWmode,thefHisswitchedoff.
SLEEP0 Mode
TheSLEEP0ModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitis
low.IntheSLEEP0modetheCPUwillbestoppedandthefSUBclockwillalsobestoppedasthe
WatchdogTimerfunctionisdisabled.
SLEEP1 Mode
TheSLEEP1ModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitis
low.IntheSLEEP1modetheCPUwillbestopped.However,thefSUBclockwillcontinuetorunas
theWatchdogTimerfunctionisenabled.
IDLE0 Mode
TheIDLE0ModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitishigh
andtheFSYSONbitislow.IntheIDLE0Modethesystemoscillatorwillbeinhibitedfromdriving
theCPUbutsomeperipheralfunctionswillremainoperationalsuchastheWatchdotTimerand
TMs.IntheIDLE0mode,thesystemoscillatorwillbestopped.
IDLE1 Mode
TheIDLE1ModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitishigh
andtheFSYSONbitishigh.IntheIDLE1Modethesystemoscillatorwillbeinhibitedfromdriving
theCPUbutmaycontimuetoprovideaclocksourcetokeepsomeperipheralfunctionsoperational
suchastheWatchdotTimerandTMs.IntheIDLE1mode,thesystemoscillatorwillcontinueto
runandthissystemoscillatormaytbehighorlowspeedsystemoscillator.InIELD1mode,the
WatchdogTimerclock,fSUB,willbeswitchedon.
Control Registers
Theregister,SMOD,isusedforoverallcontroloftheinternalclockswithinthedevice.
SMOD Register
Bit
7
6
5
4
3
2
1
0
Name
CKS2
CKS1
CKS0
—
LTO
HTO
IDLEN
HLCLK
R/W
R/W
R/W
R/W
—
R
R
R/W
R/W
POR
0
0
0
—
0
0
1
1
Bit7~5
CKS2~CKS0:Systemclockselection
000:fSUB
001:fSUB
010:fH/64
011:fH/32
100:fH/16
101:fH/8
110:fH/4
111:fH/2
Thesethreebitsareusedtoselectwhichclockisusedasthesystemclocksource.
Inadditiontothesystemclocksource,whichcanbethefSUBclocksource,adivided
versionofthehighspeedsystemoscillatorcanalsobechosenasthesystemclock
source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com