Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F56 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Rev. 1.11
48
April 11, 2017
Rev. 1.11
49
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
• PSEL Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
PSEL5
PSEL4
PSEL3
PSEL2
PSEL1
PSEL0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
1
1
1
Bit7~6
Unimplemented,readas0
Bit5
PSEL5:PA7outputtype
0:CMOStype
1:Opendraintype
Bit4
PSEL4:PA2outputtype
0:CMOStype
1:Opendraintype
Bit3
PSEL3:PA0pinfunctionselection
0:PA0
1:CTP
Bit2
PSEL2:PA6pinfunctionselection
0:PA6
1:AD2
Bit1
PSEL1:PA5pinfunctionselection
0:PA5
1:SEN
Bit0
PSEL0:PA1pinfunctionselection
0:PA1
1:AD1
I/O Pin Structures
TheaccompanyingdiagramsillustratetheinternalstructuresofsomegenericI/Opintypes.As
theexactlogicalconstructionoftheI/Opinwilldifferfromthesedrawings,theyaresuppliedasa
guideonlytoassistwiththefunctionalunderstandingoftheI/Opins.Thewiderangeofpin-shared
structuresdoesnotpermitalltypestobeshown.
V DD
M
U
X
Wa ke -u p Se le ct
S yst em W ak e- up
R ead Da ta R egi st er
D
Q
CK
S
D
Q
CK
S
Co nt ro l Bi t
Da ta B us
Wr it e C ont ro l Re gi st er
Ch ip R es et
Re ad C on tr ol R eg is te r
Wr it e Da ta R egi st er
Da ta B it
I/O p in
Q
Q
PA o nl y
We ak
Pu ll- up
Pu ll -H ig h
Re gi st er
Se le ct
Generic Input/Output Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com