Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Rev. 1.20
6
November 25, 2015
HT9B92
D.C. Characteristics
VSS=0V; VDD=2.4V~5.5V; Ta=-40 to +85°C
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
VDD
Condition
VDD
Operating Voltage
—
—
2.4
—
5.5
V
VLCD
LCD operating voltage
—
—
0
— VDD-2.4
V
VIH
Input high Voltage
— SCL, SDA, TEST1, TEST2
0.7VDD —
VDD
V
VIL
Input low Voltage
— SCL, SDA, TEST1, TEST2
0
—
0.3VDD
V
IIL
Input leakage current
— VIN=VSS or VDD
-1
—
1
μA
IOL
Low level output current
3.3V
VOL=0.4V for SDA pin
6
—
—
mA
5.0V
9
—
—
mA
IDD
Operating Current
3.3V No load, 1/3bias, B type inversion,
Ta=25°C, LCD display on, fLCD=80Hz,
VLCD pin is connected to VSS,
Power save mode=Low Current2 mode
—
7.5
15
μA
5.0V
—
12
20
μA
ISTB1
Standby Current
3.3V No load, 1/3bias, B type inversion,
Ta=25°C, LCD display off, fLCD=80Hz,
VLCD pin is connected to VSS,
Power save mode=Low Current2 mode
—
—
1
μA
5.0V
—
—
2
μA
RPL
Pull-Low Resistance
3.3V
For OSCIN pin
2.0
4.0
6.5
kW
5.0V
1.5
3.0
4.5
kW
IOL1
LCD Common Sink Current
—
VDD-VLCD=3.3V, VOL=0.33V
250
400
—
μA
VDD-VLCD=5V, VOL=0.5V
500
800
—
μA
IOH1
LCD Common Source
Current
—
VDD-VLCD=3.3V, VOH=2.97V
-140 -230
—
μA
VDD-VLCD=5V, VOH=4.5V
-300 -500
—
μA
IOL2
LCD Segment Sink Current
—
VDD-VLCD=3.3V, VOL=0.33V
250
400
—
μA
VDD-VLCD=5V, VOL=0.5V
500
800
—
μA
IOH2
LCD Segment Source
Current
—
VDD-VLCD=3.3V, VOH=2.97V
-140 -230
—
μA
VDD-VLCD=5V, VOH=4.5V
-300 -500
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com