Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Rev. 1.20
9
November 25, 2015
HT9B92
Functional Description
Power-On Reset
Whenthepowerisapplied,thedeviceisinitialized
byaninternalpower-onresetcircuit.Thestatusofthe
internalcircuitsafterinitializationisasfollows:
• AllcommonoutputsaresettoVSS.
• AllsegmentoutputsaresettoVSS.
• LCDDriverOutputWaveform:A-typeinversion.
• Internaloscillatorisselected.
• The1/3biasdrivemodeisselected.
• LCDbiasgeneratorisinanoffstate.
• LCDDisplayandinternaloscillatorareinoffstates.
• Powersavemodeissettonormalcurrent.
• FrameFrequencyissetto80Hz.
• Blinkingfunctionisswitchedoff.
DatatransfersontheI2C-busshouldbeavoidedfor
1msfollowingpower-ontoallowcompletionofthe
resetaction.
System Oscillator
ThetimingfortheinternallogicandtheLCDdrive
signalsaregeneratedbytheinternaloscillatoror
external clock source input.The System Clock
frequency(fSYS)determinestheLCDframefrequency.
DuringinitialsystempowerontheSystemOscillator
willbeinthestopstate.
Segment Driver Outputs
TheLCDdrivesectionincludesupto36segment
outputsSEG0~SEG35whichshouldbeconnected
directlytotheLCDpanel.Thesegmentoutputsignals
aregeneratedinaccordancewiththemultiplexed
commonsignalsandwiththedataresidentinthe
displaylatch.Theunusedsegmentoutputsshouldbe
leftopen-circuit.
Column Driver Outputs
TheLCDdrivesectionincludes4columnoutputs
COM0~COM3whichshouldbeconnecteddirectly
totheLCDpanel.Thecolumnoutputsignalsare
generated in accordance with the selected LCD
drivemode.Theunusedcolumnoutputsshouldbe
leftopen-circuitiflessthan4columnoutputsare
required.
Address Pointer
TheaddressingmechanismforthedisplayRAMis
implementedusingtheaddresspointer.Thisallows
theloadingofanindividualdisplaydatabyte,ora
seriesofdisplaydatabytes,intoanylocationofthe
displayRAM.Thesequencecommenceswiththe
initializationoftheaddresspointerbytheDisplay
DataInputcommand.
Display Memory – RAM Structure
ThedisplayRAMisstatic36×4bitsRAMwhich
storestheLCDdata.Logic“1”intheRAMbit-map
indicatesthe“on”stateofthecorrespondingLCD
segment;similarly,logic0indicatesthe“off”state.
ThecontentsoftheRAMdataaredirectlymapped
totheLCDdata.ThefirstRAMcolumncorresponds
tothesegmentsoperatedwithrespecttoCOM0.In
multiplexedLCDapplicationsthesegmentdataofthe
second,thirdandfourthcolumnofthedisplayRAM
aretime-multiplexedwithCOM1,COM2andCOM3
respectively.Thefollowingdiagramisadatatransfer
formatforI2Cinterface.
MSB
LSB
SDA Data
Address n
Address n+1
COM0 COM1 COM2 COM3 COM0 COM1 COM2 COM3
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
LCD Display Output Data Transfer Format for I2C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com