Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Rev. 1.20
14
November 25, 2015
HT9B92
Acknowledge
• Each bytes of eight bits is followed by one
acknowledgebit.ThisAcknowledgebitisalow
levelplacedonthebusbythereceiver.Themaster
generates anextraacknowledge relatedclock
pulse.
• Aslavereceiverwhichisaddressedmustgenerate
anAcknowledge,ACK,afterthereceptionofeach
byte.
• Thedevicethatacknowledgesmustpulldownthe
SDAlineduringtheacknowledgeclockpulseso
thatitremainsstablelowduringthehighperiodof
thisclockpulse.
• Amasterreceivermustsignalanendofdatatothe
slavebygeneratinganot-acknowledge,NACK,
bitonthelastbytethathasbeenclockedoutof
theslave.Inthiscase,themasterreceivermust
leavethedatalinehighduringthe9thpulsetonot
acknowledge.ThemasterwillgenerateaSTOPor
repeatedSTARTcondition.
S
1
2
7
8
9
clock pulse for
acknowledgement
Data Output
by Transmitter
Data Outptu
by Receiver
SCL From Master
acknowledge
not acknowledge
START
condition
Slave Addressing
• Theslaveaddressbyteisthefirstbytereceived
followingtheSTARTconditionformthemaster
device.Thefirstsevenbitsofthefirstbytemake
uptheslaveaddress.Thisdeviceonlysupports
thewriteoperationandtherefore,theeighthdata
bit,R/W,whichisusedtodefineareadorwrite
operationwillbefixedata“0”state.IftheR/Wbit
issetto1toexecuteareadoperation,itwillresult
innooperation.
• TheHT9B92deviceaddressbitsare“0111110”.
Whenanaddressbyteissent,thedevicecompares
thefirstsevenbitsaftertheSTARTcondition.If
theymatch,thedeviceoutputsanAcknowledgeon
theSDAline.
Slave Address
0
1
1
1
1
1
0
0
MSB
LSB
R/W=0
I2C Interface Write Operation
Byte Write Operation
• SingleCommandType
ASingleCommandwriteoperationrequiresa
STARTcondition,aslaveaddresswithawrite
controlbit,acommandbyteandaSTOPcondition
forasinglecommandwriteoperation.
• CompoundCommandType
ACompoundCommandwriteoperationrequires
aSTARTcondition,aslaveaddresswithawrite
controlbit,acommandbyte,uptotwocommand
settingbytesandaSTOPconditionforacompound
commandwriteoperation.
• DisplayRAMSingleDataByte
AdisplayRAMdatabytewriteoperationrequires
aSTARTcondition,aslaveaddresswithawrite
controlbit,avalidRegisterAddressbyte,aData
byteandaSTOPcondition.
Thestartaddresscanonlybesetfrom00Hto
1FH.Thestartaddresswhichisgreaterthan1FH
willberegardedasacommand.Therefore,itis
recommendedthatthestartaddressshouldbeset
from00Hto1FH.
Slave Address
ACK
Write
Command byte
ACK
S
0
1
1
1
1
1
0
0
1st
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
1
P
I2C Single Command Type Write Operation
Slave Address
ACK
Write
Command byte
ACK
S
0
1
1
1
1
1
0
0
1st
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
1
Command setting
ACK
P
3rd
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
1
ACK
I2C Compound Command Type Write Operation
Slave Address
ACK
Write
S
0
1
1
1
1
1
0
0
Data byte
ACK
P
D7
D6
D5
D4
D3
D2
D1
D0
Register Address byte
ACK
A0
A1
A2
A3
A4
0
0
0
I2C Display RAM Single Data Byte Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com