Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9B92 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Rev. 1.20
1
November 25, 2015
Rev. 1.00
PB
November 25, 2015
HT9B92
RAM Mapping 36×4 LCD Driver
Feature
• LogicOperatingVoltage:2.4V~5.5V
• Integratedoscillatorcircuitry
• Bias:1/2or1/3;Duty:1/4
• InternalLCDbiasgenerationwithvoltage-follower
buffers
• ExternalVLCDpintosupplyLCDoperatingvoltage
• SupportI2C-busserialinterface
• SelectableLCDFrameFrequencies
• Upto36×4bitsRAMfordisplaydatastorage
• MaximumDisplaypatterns:
36×4patterns-36segmentsand4commons
• Versatileblinkingmodes:off,0.5Hz,1Hz,2Hz
• Writeaddressauto-increment
• SupportPowerSaveModeforlowpower
consumption
• ManufacturedinsilicongateCMOSprocess
• PackageTypes:48-pinTSSOP/LQFPandChip
Applications
• Leisureproducts
• Games
• Telephonedisplay
• AudioCombodisplay
• VideoPlayerdisplay
• KitchenAppliancedisplay
• Measurementequipmentdisplay
• Householdappliance
• Consumerelectronics
General Description
The HT9B92 device is a memory mapping and
multi-functionLCDcontrollerdriver.Themaximum
displaysegmentsofthedeviceare144patterns(36
segmentsand4commons)display.Thesoftware
configurationfeatureoftheHT9B92devicemakes
itsuitableformultipleLCDapplicationsincluding
LCDmodulesanddisplaysubsystems.TheHT9B92
devicecommunicateswithmostmicroprocessors/
microcontrollersviaatwo-wirebidirectionalI2C-bus
interface.


Similar Part No. - HT9B92

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
RAM Mapping 40x4 LCD Driver
More results

Similar Description - HT9B92

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
RAM Mapping 20*4 / 16*8 LCD Driver Controller
November 22, 2011
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
RAM Mapping 44*4 LCD Controller Driver
May 10, 2011
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
RAM Mapping 56*4 / 52*8 LCD Driver Controller
June 21, 2011
HT16L21 HOLTEK-HT16L21 Datasheet
1Mb / 36P
RAM Mapping 32x4 LCD Driver
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
RAM Mapping 52*4 / 48*8 LCD Driver
November 16, 2011
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
RAM Mapping 32횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
RAM Mapping 40x4 LCD Driver
HT9B95 HOLTEK-HT9B95 Datasheet
1Mb / 32P
RAM Mapping 39횞8 / 43횞4 LCD Driver
HT1628 HOLTEK-HT1628 Datasheet
1Mb / 17P
RAM Mapping 116횞2 LCD Driver
December 20, 2016
HT1629G HOLTEK-HT1629G Datasheet
2Mb / 23P
240횞2 RAM Mapping LCD Driver
November 11, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com