Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9B92 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Rev. 1.20
4
November 25, 2015
HT9B92
Pad Coordinates for COB
unit: μm
No
Pad Name
X
Y
No
Pad Name
X
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
COM0
COM1
COM2
COM3
VLCD
VDD
VSS
TEST1
OSCIN
SCL
SDA
TEST2
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
-606.600
-643.900
-643.900
-643.900
-643.900
-643.900
-643.900
-638.400
-638.400
-638.400
-638.400
-638.400
-340.350
-255.350
-170.350
-85.350
-0.350
84.650
169.650
254.650
339.650
424.650
509.650
594.650
819.900
489.399
404.399
319.399
234.399
149.399
64.399
-442.600
-527.600
-612.600
-697.600
-782.600
-819.900
-819.900
-819.900
-819.900
-819.900
-819.900
-819.900
-819.900
-819.900
-819.900
-819.900
-819.900
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31
SEG32
SEG33
SEG34
SEG35
643.900
643.900
643.900
643.900
643.900
643.900
643.900
643.900
643.900
643.900
643.900
643.900
643.900
643.900
320.799
235.799
150.799
65.799
-19.201
-104.201
-189.201
-274.201
-436.600
-521.600
-322.400
-237.400
-152.400
-67.400
17.600
102.600
187.600
272.600
357.600
442.600
527.600
612.600
697.600
782.600
819.900
819.900
819.900
819.900
819.900
819.900
819.900
819.900
819.900
819.900
Pad Description
Pin Name
Type
Description
SDA
I/O Serial Data Input/Output pin
Serial Data (SDA) Input/Output for 2-wire I2C interface is an NMOS open drain structure
SCL
I
Serial Clock Input pin
Serial Data (SCL) is a clock input for 2-wire I2C interface
OSCIN
I
External Clock Input pin
The external and internal clock mode can be selected by the command. When the internal
oscillator circuitry is used, this pin must be connected to VSS
TEST1
I
Test mode input pin
When this pin is connected to VDD, the device will enter the test mode
TEST2
I
Power on reset control pin
The internal power on reset circuitry will be enabled if this pin is connected to VSS. If this
pin is connected to VDD, the internal power on reset circuitry will be disabled and the reset
function will be performed by executing the software reset command
COM0~COM3
O
LCD Common outputs
SEG0~SEG35
O
LCD Segment outputs
VDD
—
Positive power supply
VSS
—
Negative power supply, ground
VLCD
—
LCD power supply pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com